Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4125_0712 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SK4125_0712
Description  General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK4125_0712 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK4125_0712 Datasheet HTML 1Page - Sanyo Semicon Device 2SK4125_0712 Datasheet HTML 2Page - Sanyo Semicon Device 2SK4125_0712 Datasheet HTML 3Page - Sanyo Semicon Device 2SK4125_0712 Datasheet HTML 4Page - Sanyo Semicon Device 2SK4125_0712 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SK4125
No. A0747-1/5
Features
Low ON-resistance, low input capacitance, ultrahigh-speed switching.
Adoption of high reliability HVP process.
Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
600
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
ID
17
A
Drain Current (Pulse)
IDP
PW≤10µs, duty cycle≤1%
52
A
Allowable Power Dissipation
PD
2.5
W
Tc=25°C (SANYO’s ideal heat dissipation condition)*1
170
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *2
EAS
86.5
mJ
Avalanche Current *3
IAV
17
A
*1 SANYO’s condition is radiation from backside.
The method is applying silicone grease to the backside of the device and attaching the device to water-cooled radiator made of aluminium.
*2 VDD=99V, L=500µH, IAV=17A
*3 L≤500µH, single pulse
Marking : K4125
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0747A
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
D0507 TI IM TC-00001053 / 51607QB TI IM TC-00000701
SANYO Semiconductors
DATA SHEET
2SK4125
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications


Similar Part No. - 2SK4125_0712

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SK4125-1E ONSEMI-2SK4125-1E Datasheet
288Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
logo
Sanyo Semicon Device
2SK4125 SANYO-2SK4125_12 Datasheet
396Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - 2SK4125_0712

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com