Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

631HE0B1WC0BO10E1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 631HE0B1WC0BO10E1
Description  Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

631HE0B1WC0BO10E1 Datasheet(HTML) 2 Page - Vishay Siliconix

  631HE0B1WC0BO10E1 Datasheet HTML 1Page - Vishay Siliconix 631HE0B1WC0BO10E1 Datasheet HTML 2Page - Vishay Siliconix 631HE0B1WC0BO10E1 Datasheet HTML 3Page - Vishay Siliconix 631HE0B1WC0BO10E1 Datasheet HTML 4Page - Vishay Siliconix 631HE0B1WC0BO10E1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model 631 HE
Single Turn Bushing Mount Hall Effect
Sensor in Size 09 (22.2 mm)
Vishay Spectrol
Document Number: 57100
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 12-Apr-10
167
VOUT ANALOG
VOUT PWM
Operating Temperature
85 °C
125 °C
Diagnostic High Level
96 % min.
96 % min.
Diagnostic Low Level
2 % max.
4 % max.
CW
V
out
(% V
supply)
V
out
(% V
supply)
Diag High Level
Diag High Level
90 %
90 %
10 %
Diag Low Level
10 %
Diag Low Level
0
Theta
(Position)
0
Theta
(Position)
Diagnostic Low Area
Diagnostic High Area
Diagnostic Low Area
Diagnostic High Area
CCW
CW
V
out
(% V
supply)
97 % min.
1.5 % max.
0
Time (µs)
T low
T: periodicity
T high
Duty Cycle =
Thigh
T


Similar Part No. - 631HE0B1WC0BO10E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
631HE0B1WC0XXXXBO10E1 VISHAY-631HE0B1WC0XXXXBO10E1 Datasheet
101Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
More results

Similar Description - 631HE0B1WC0BO10E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
631HE VISHAY-631HE_V01 Datasheet
101Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
351HE VISHAY-351HE Datasheet
378Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
MODEL351HE VISHAY-MODEL351HE Datasheet
270Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 15-Nov-07
351HE VISHAY-351HE_15 Datasheet
368Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
631HE VISHAY-631HE_15 Datasheet
359Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
351HE VISHAY-351HE_V01 Datasheet
376Kb / 5P
   Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
78SHE VISHAY-78SHE_15 Datasheet
401Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 27-Mar-15
78SHE VISHAY-78SHE Datasheet
410Kb / 5P
   Single Turn Servo Mount Hall Effect Sensor in Size 09 (22.2 mm)S
01-Jan-2022
34THE VISHAY-34THE_15 Datasheet
221Kb / 7P
   Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
Revision: 25-Jul-12
34THE VISHAY-34THE_V01 Datasheet
230Kb / 7P
   Ten Turns Servo or Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm)
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com