Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

600D826F075DJ4 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 600D826F075DJ4
Description  Aluminum Capacitors Miniature, Axial Lead, High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

600D826F075DJ4 Datasheet(HTML) 4 Page - Vishay Siliconix

  600D826F075DJ4 Datasheet HTML 1Page - Vishay Siliconix 600D826F075DJ4 Datasheet HTML 2Page - Vishay Siliconix 600D826F075DJ4 Datasheet HTML 3Page - Vishay Siliconix 600D826F075DJ4 Datasheet HTML 4Page - Vishay Siliconix 600D826F075DJ4 Datasheet HTML 5Page - Vishay Siliconix 600D826F075DJ4 Datasheet HTML 6Page - Vishay Siliconix 600D826F075DJ4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
600D
Vishay Sprague
Aluminum Capacitors
Miniature, Axial Lead, High Reliability
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42047
4
Revision: 31-Aug-11
100 WVDC AT + 85 °C . . . 75 WVDC AT + 125 °C
6.8
600D685F100KD4
0.281 x 0.937 [7.14 x 23.8]
22.5
0.036
22
600D226F100DD4
0.375 x 0.937 [9.53 x 23.8]
6.75
0.077
27
600D276F100DE4
0.375 x 1.126 [9.53 x 28.6]
5.625
0.091
39
600D396F100DG4
0.375 x 1.378 [9.53 x 35.0]
3.857
0.12
56
600D566F100DJ4
0.375 x 1.626 [9.53 x 41.3]
2.64
0.156
82
600D826F100DL4
0.375 x 2.185 [9.53 x 55.5]
1.824
0.215
120
600D127F100DX4
0.375 x 2.685 [9.53 x 68.2]
1.27
0.91
150 WVDC AT + 85 °C . . . 100 WVDC AT + 125 °C
3.3
600D335F150KD4
0.281 x 0.937 [7.14 x 23.8]
38.30
0.028
6.8
600D685F150DD4
0.375 x 0.937 [9.53 x 23.8]
19.16
0.046
12
600D126F150DE4
0.375 x 1.126 [9.53 x 28.6]
10.5
0.066
18
600D186F150DG4
0.375 x 1.378 [9.53 x 35.0]
6.85
0.09
22
600D226F150DJ4
0.375 x 1.626 [9.53 x 41.3]
5.75
0.106
33
600D336F150DL4
0.375 x 2.185 [9.53 x 55.5]
3.83
0.148
47
600D476F150DX4
0.375 x 2.685 [9.53 x 68.2]
2.61
0.197
200 WVDC AT + 85 °C . . . 150 WVDC AT + 125 °C
3.3
600D335F200KD4
0.281 x 0.937 [7.14 x 23.8]
38.30
0.028
6.8
600D685F200DD4
0.375 x 0.937 [9.53 x 23.8]
19.16
0.046
8.2
600D825F200DE4
0.375 x 1.126 [9.53 x 28.6]
15.50
0.055
12
600D126F200DG4
0.375 x 1.378 [9.53 x 35.0]
10.50
0.073
18
600D186F200DJ4
0.375 x 1.626 [9.53 x 41.3]
6.78
0.098
27
600D276F200DL4
0.375 x 2.185 [9.53 x 55.5]
4.790
0.132
33
600D336F200DX4
0.375 x 2.685 [9.53 x 68.2]
3.830
0.162
250 WVDC AT + 85 °C . . . 200 WVDC AT + 125 °C
2.2
600D225F250KD4
0.281 x 0.937 [7.14 x 23.8]
57.50
0.023
5.6
600D565F250DD4
0.375 x 0.937 [9.53 x 23.8]
23.10
0.042
6.8
600D685F250DE4
0.375 x 1.126 [9.53 x 28.6]
19.16
0.05
10
600D106F250DG4
0.375 x 1.378 [9.53 x 35.0]
12.70
0.066
15
600D156F250DJ4
0.375 x 1.626 [9.53 x 41.3]
8.23
0.088
22
600D226F250DL4
0.375 x 2.185 [9.53 x 55.5]
5.75
0.121
27
600D276F250DX4
0.375 x 2.685 [9.53 x 68.2]
4.79
0.146
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
AT + 25 °C
120 Hz
MAX. RIPPLE
AT + 125 °C
120 Hz


Similar Part No. - 600D826F075DJ4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
600DP1S1M1Q E-SWITCH-600DP1S1M1Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M1R E-SWITCH-600DP1S1M1R Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M2Q E-SWITCH-600DP1S1M2Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M2R E-SWITCH-600DP1S1M2R Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M3Q E-SWITCH-600DP1S1M3Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
More results

Similar Description - 600D826F075DJ4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D_13 Datasheet
67Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 24-Apr-13
630D VISHAY-630D_08 Datasheet
129Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 22-Jul-08
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
01-Jan-2022
516D VISHAY-516D Datasheet
89Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 12-Apr-12
TVA1410 VISHAY-TVA1410 Datasheet
73Kb / 5P
   Aluminum Capacitors 85 C, Miniature, Axial Lead
Revision: 16-Apr-13
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 03-Mar-15
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
   Aluminum Capacitors 85 째C, Miniature, Axial Lead
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com