Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1620 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SD1620
Description  1.5V, 3V Strobe Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1620 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SD1620 Datasheet HTML 1Page - Sanyo Semicon Device 2SD1620 Datasheet HTML 2Page - Sanyo Semicon Device 2SD1620 Datasheet HTML 3Page - Sanyo Semicon Device 2SD1620 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SD1620
No.1719-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=3A, IB=60mA
0.3
0.4
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
30
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEX
IC=1mA, VBE=3V
20
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
10
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
6
V
Package Dimensions
unit : mm (typ)
7007B-004
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
5
4
3
2
1
0
0123
5
46
ITR09988
1mA
5mA
2mA
10mA
15mA
25mA
5
4
3
2
1
0
0
0.2
0.4
0.6
1.0
0.8
1.2
ITR09987
IB=0mA
2mA
5mA
10mA
15mA
25mA
40mA
60mA
IB=0mA


Similar Part No. - 2SD1620

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1620 SANYO-2SD1620 Datasheet
75Kb / 3P
   1.5V,3V Strobe Applications
logo
Guangdong Kexin Industr...
2SD1620 KEXIN-2SD1620 Datasheet
50Kb / 1P
   NPN Epitaxial Planar Silicon Transistor
logo
ON Semiconductor
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
More results

Similar Description - 2SD1620

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD879 UTC-2SD879_2 Datasheet
95Kb / 3P
   1.5V, 3V STROBE APPLICATIONS
logo
Sanyo Semicon Device
2SD879 SANYO-2SD879 Datasheet
94Kb / 4P
   1.5V, 3V Strobe Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879 Datasheet
91Kb / 3P
   1.5V, 3V STROBE APPLICATIONS
logo
Sanyo Semicon Device
2SD1620 SANYO-2SD1620 Datasheet
75Kb / 3P
   1.5V,3V Strobe Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879_15 Datasheet
99Kb / 3P
   1.5V, 3V STROBE APPLICATIONS
2SD879 UTC-2SD879_11 Datasheet
98Kb / 2P
   1.5V, 3V STROBE APPLICATIONS
logo
Sanyo Semicon Device
2SD826 SANYO-2SD826 Datasheet
114Kb / 4P
   3V,6V Strobe Applications
logo
Toshiba Semiconductor
GT8G121 TOSHIBA-GT8G121_06 Datasheet
413Kb / 5P
   STROBE FLASH APPLICATIONS
2SC5030 TOSHIBA-2SC5030_04 Datasheet
146Kb / 5P
   Strobe Flash Applications
GT5G133 TOSHIBA-GT5G133 Datasheet
230Kb / 6P
   Strobe Flash Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com