Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1302 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SB1302
Description  High-Current Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB1302 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SB1302 Datasheet HTML 1Page - Sanyo Semicon Device 2SB1302 Datasheet HTML 2Page - Sanyo Semicon Device 2SB1302 Datasheet HTML 3Page - Sanyo Semicon Device 2SB1302 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB1302
No.2555-3/4
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
VCE(sat) -- IC
Collector Current, IC -- A
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
ITR09569
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
0
--4
--5
--3
--2
--1
--6
VCE= --2V
VCE= --2V
ITR09567
0
--0.4
--0.2
--0.8
--0.6
--1.0
0
--1
--2
--3
--4
--5
IB=0mA
--40mA
--30mA
--20mA
--10mA
ITR09568
ITR09570
--0.1
--0.01
3
23
5
--1.0
--10
57
7
7
72
3
5
2
100
1000
5
3
2
5
3
2
7
7
Ta=75
°C
25
°C
--25
°C
--50mA
0--2
--1
--4
--3
--5
0
--1
--2
--3
--4
--5
IB=0mA
--40mA
--30mA
--25mA
--15mA
--35mA
--20mA
--10mA
--5mA
From top
--
100mA
--
90mA
--
80mA
--70mA
--60mA
ITR09573
5
--0.1
2
--0.01
23
35
7
7
77
--1.0
23
5
--10
--10
5
7
--100
7
--1000
5
3
2
3
2
ITR09574
5
5
--1.0
2
--0.1
--0.01
23
23
5 7
7
7
7
--10
3
--1.0
5
7
7
3
--10
5
3
2
IC / IB=50
--0.1
23
--0.01
23
3
57
57
7
--1.0
7 --10
5
2
7
100
5
2
3
7
1000
5
3
ITR09571
7
--10
23
--1.0
23
35
7
5
10
7
100
5
3
3
2
2
ITR09572
VCE= --5V
f=1MHz
Ta= --25°C
25°C
75°C
IC / IB=50
Ta= --25°C
25°C
75
°C


Similar Part No. - 2SB1302

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1302 SANYO-2SB1302 Datasheet
91Kb / 3P
   High-Current Switching Applications?
logo
Guangdong Kexin Industr...
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
ON Semiconductor
2SB1302 ONSEMI-2SB1302 Datasheet
281Kb / 5P
   Bipolar Transisitor -20V, -5A, Low VCE(sat) PNP Single PCP
November, 2013
logo
Guangdong Kexin Industr...
2SB1302-R KEXIN-2SB1302-R Datasheet
1Mb / 3P
   PNP Transistors
2SB1302-S KEXIN-2SB1302-S Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SB1302

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com