Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B40C800DM Datasheet(PDF) 3 Page - Vishay Siliconix

Part # B40C800DM
Description  Glass Passivated Ultrafast Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B40C800DM Datasheet(HTML) 3 Page - Vishay Siliconix

  B40C800DM_11 Datasheet HTML 1Page - Vishay Siliconix B40C800DM_11 Datasheet HTML 2Page - Vishay Siliconix B40C800DM_11 Datasheet HTML 3Page - Vishay Siliconix B40C800DM_11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B40C800DM thru B380C800DM
www.vishay.com
Vishay Semiconductors
Revision: 19-Aug-11
3
Document Number: 88533
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Fig. 4 - Typical Forward Characteristics Per Diode
Fig. 5 - Typical Reverse Leakage Characteristics Per Diode
Fig. 6 - Typical Junction Capacitance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0
10
100
0
10
20
30
40
50
Number of Cycles at 50 Hz
T
J = 125 °C
10 ms Single Sine-Wave
1.0 Cycle
0.4
0.8
1.2
10
1
0.1
0.01
0.6
1.0
1.4
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
0
20
40
60
80
100
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 25 °C
1
10
100
1
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Reverse Voltage (V)
Case Style DFM
0.255 (6.5)
0.245 (6.2)
0.315 (8.00)
0.285 (7.24)
0.013 (0.33)
0.0086 (0.22)
0.350 (8.9)
0.300 (7.6)
0.075 (1.90)
0.055 (1.39)
0.205 (5.2)
0.195 (5.0)
0.080 (2.03)
0.050 (1.27)
0.185 (4.69)
0.150 (3.81)
0.335 (8.51)
0.320 (8.12)
0.130 (3.30)
0.120 (3.05)
0.045 (1.14)
0.035 (0.89)
0.023 (0.58)
0.018 (0.46)


Similar Part No. - B40C800DM_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B40C800DM VISHAY-B40C800DM_08 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
B40C800DM VISHAY-B40C800DM_V01 Datasheet
90Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
More results

Similar Description - B40C800DM_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B40C800DM VISHAY-B40C800DM_08 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
800DM VISHAY-800DM Datasheet
89Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 03-Sep-2020
B40C800DM VISHAY-B40C800DM Datasheet
87Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
B40C800DM VISHAY-B40C800DM_V01 Datasheet
90Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
B250C800DM-E345 VISHAY-B250C800DM-E345 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
EDF1AM VISHAY-EDF1AM Datasheet
95Kb / 4P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
Revision: 14-Jan-08
EDF1AM VISHAY-EDF1AM_13 Datasheet
79Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
EDF1AM VISHAY-EDF1AM_V01 Datasheet
89Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com