Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1121 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SB1121
Description  High-Current Driver Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB1121 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SB1121_11 Datasheet HTML 1Page - Sanyo Semicon Device 2SB1121_11 Datasheet HTML 2Page - Sanyo Semicon Device 2SB1121_11 Datasheet HTML 3Page - Sanyo Semicon Device 2SB1121_11 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1121 / 2SD1621
No.1787-2/4
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)20V, IE=0A
(--)0.1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
μA
DC Current Gain
hFE1VCE=(--)2V, IC=(--)100mA
100*
560*
hFE2VCE=(--)2V, IC=(--)1.5A
65
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
150
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(32)19
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)1.5A, IB=(--)75mA
(--0.35)0.18
(--0.6)0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)1.5A, IB=(--)75mA
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)30
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)25
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-ON Time
ton
See specified Test Circuit.
(60)60
ns
Storage Time
tstg
See specified Test Circuit.
(350)550
ns
Fall Time
tf
See specified Test Circuit.
(25)25
ns
*: The 2SB1121 / 2SD1621 are classified by 100mA hFE as follows:
Rank
R
S
T
U
hFE
100 to 200
140 to 280
200 to 400
280 to 560
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7007B-004
VR
RB
12V
--5V
+
+
50Ω
INPUT
OUTPUT
24Ω
100μF
470μF
PW=20μs
IC=20IB1= --20IB2=500mA
(For PNP, the polarity is reversed)
IB1
D.C.≤1%
IB2


Similar Part No. - 2SB1121_11

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB1121 KEXIN-2SB1121_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SB1121_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1121 FAIRCHILD-KSB1121 Datasheet
43Kb / 4P
   High Current Driver Applications
logo
Sanyo Semicon Device
2SD1145 SANYO-2SD1145 Datasheet
79Kb / 3P
   High-Current Driver Applications?????????????
2SC4484 SANYO-2SC4484 Datasheet
133Kb / 4P
   High-Current Driver Applications
2SB1121S-TD-E SANYO-2SB1121S-TD-E Datasheet
93Kb / 4P
   High-Current Driver Applications
logo
Fairchild Semiconductor
KSD1621 FAIRCHILD-KSD1621 Datasheet
71Kb / 5P
   High Current Driver Applications
logo
Sanyo Semicon Device
2SB1120 SANYO-2SB1120 Datasheet
76Kb / 3P
   High-Current Driver Applications
2SB1121 SANYO-2SB1121 Datasheet
95Kb / 3P
   High-Current Driver Applications?
2SA1704 SANYO-2SA1704 Datasheet
116Kb / 4P
   High-Current Driver Applications?
logo
Texas Instruments
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
logo
Toshiba Semiconductor
2SD2271 TOSHIBA-2SD2271 Datasheet
204Kb / 4P
   NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER, HIGH CURRENT SWITCHING APPLICATIONS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com