Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM72016 Datasheet(PDF) 10 Page - Ramtron International Corporation

Part # WM72016
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM72016 Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button WM72016 Datasheet HTML 6Page - Ramtron International Corporation WM72016 Datasheet HTML 7Page - Ramtron International Corporation WM72016 Datasheet HTML 8Page - Ramtron International Corporation WM72016 Datasheet HTML 9Page - Ramtron International Corporation WM72016 Datasheet HTML 10Page - Ramtron International Corporation WM72016 Datasheet HTML 11Page - Ramtron International Corporation WM72016 Datasheet HTML 12Page - Ramtron International Corporation WM72016 Datasheet HTML 13Page - Ramtron International Corporation WM72016 Datasheet HTML 14Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port
Rev. 1.4
May 2011
Page 10 of 32
CONTROL/STATUS REGISTER
Accessing the unique features of WM72016 is accomplished through the Control/Status register in F-RAM
non-volatile memory.
The register is located at physical address 0x016 or USER memory address 0x002.
The Control/Status word register is organized as shown in Table 3 below. Care should be exercised when
writing the Control/Status register word if it is to remain unlocked.
LCK
PLCK
RFU
BW
EN
BLKSIZ
WRP
WRP
EN
ALCK
AINC
Figure 10. Control/Status Register
Table 3: Control/Status Word Register
Bit
Mnemonic
Function
Initial
Value
15
LOCK
Memory locking of this register.
LOCK
PERMALOCK
DESCRIPTION
0
0
Register unlocked
0
1
Register permanently unlocked
1
0
Register writeable only from the
SECURED state
1
1
Register permanently locked
0
14
PERMALOCK
0
13
RFU
Reserved for future use
0
12
RFU
Reserved for future use
0
11
RFU
Reserved for future use
0
10
RFU
Reserved for future use
0
9
RFU
Reserved for future use
0
8
RFU
Reserved for future use
0
7
BLKWREN
Enables use of the custom command BLOCKWRITE.
1
6
BLKSIZ[2]
USER memory block size.
BLKSIZ[2:0]
# words
BLKSIZ[2:0]
# words
000
1
100
16
001
2
101
32
010
4
110
64
011
8
111
128
1
5
BLKSIZ[1]
1
4
BLKSIZ[0]
0
3
WRPSTAT
Indicates if the Working Stored Address has wrapped.
Logic State
Description
0
Wrapping has not occurred
1
Wrapping has occurred at least once
0
2
WRPEN
Enables wrapping of the Working Stored Address when it reaches the
top of logical memory.
Logic State
Description
0
DISABLE memory wrapping
1
ENABLE memory wrapping.
0
1
AUTOLOCK
Enable Automatic Locking of all user memory between the start of USER
memory and the Working Stored Address register.
Logic State
Description
0
Auto-lock DISABLED
1
Auto-lock ENABLED
0
0
AUTOINCR
Enable the Working Stored Address word to Auto-Increment when
performing an unaddressed write cycle.
Logic State
Description
0
DISABLE auto-increment of stored address register
1
ENABLE auto-increment of stored address register
0


Similar Part No. - WM72016

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
WM72016-6 CYPRESS-WM72016-6 Datasheet
772Kb / 33P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
WM72016-6-DGTR CYPRESS-WM72016-6-DGTR Datasheet
772Kb / 33P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Ramtron International C...
WM72016-6-EVAL-915-ANT RAMTRON-WM72016-6-EVAL-915-ANT Datasheet
128Kb / 2P
   Evaluation Board for 16Kbit Wireless Memory with Serial Port
More results

Similar Description - WM72016

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
WM72016-6 CYPRESS-WM72016-6 Datasheet
772Kb / 33P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Ramtron International C...
WM71004 RAMTRON-WM71004 Datasheet
382Kb / 24P
   4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
   Direct Memory Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
logo
Hitachi Semiconductor
HD68450 HITACHI-HD68450 Datasheet
2Mb / 47P
   Direct Memory Access Controller(NMOS)
logo
Motorola, Inc
MC68440 MOTOROLA-MC68440 Datasheet
978Kb / 38P
   Dual-Channel Direct Memory Access Controller
logo
Xilinx, Inc
DS643 XILINX-DS643 Datasheet
6Mb / 216P
   Soft Direct Memory Access (SDMA) support
logo
Zilog, Inc.
Z8410 ZILOG-Z8410 Datasheet
916Kb / 25P
   Z80 DMA Direct Memory Access Controller
Z84C1008PEG ZILOG-Z84C1008PEG Datasheet
924Kb / 25P
   Z80 DMA Direct Memory Access Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com