Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM71004 Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # WM71004
Description  4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

WM71004 Datasheet(HTML) 7 Page - Ramtron International Corporation

Back Button WM71004 Datasheet HTML 3Page - Ramtron International Corporation WM71004 Datasheet HTML 4Page - Ramtron International Corporation WM71004 Datasheet HTML 5Page - Ramtron International Corporation WM71004 Datasheet HTML 6Page - Ramtron International Corporation WM71004 Datasheet HTML 7Page - Ramtron International Corporation WM71004 Datasheet HTML 8Page - Ramtron International Corporation WM71004 Datasheet HTML 9Page - Ramtron International Corporation WM71004 Datasheet HTML 10Page - Ramtron International Corporation WM71004 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
WM710xx – Secure F-RAM with Gen-2 RFID
Rev. 1.4
May 2011
Page 7 of 24
00110
00000000
0
0
1
DEFAULT
Numbering System Identifier
NSI Type
Extended Protocol Control
User Memory identifier
EPC Identifier Word Length
LEN
NSI
XPC NT
UMI
15
11
9
10
8
7
0
bit
PROTOCOL CONTROL WORD
Figure 4. EPC Protocol Control Word
The five most significant bits of the PC indicates the size of the EPC identifier in words – for a 96-bit (6-word)
EPC identifier, the PC should be programmed to 0b0011_0xxx_xxxx_xxxx. The LEN parameter of the PC
word may not be greater than 0b00110 – a LEN parameter of 0b00000 has an EPC identifier length of zero
words resulting in only the PC and CRC words when WM710xx is acknowledged.
The UMI bit (User
Memory Identifier) is asserted to a logic one by WM710xx and mapped to bit 10 of the PC word. In the event
the host writes a logic zero to the UMI bit, the memory location will be written with a logic zero, however the
backscattered EPC identifier will assert the UMI bit to a logic one which is also used in the calculation of the
CRC. WM710xx does not support extended protocol control and should be written with a logic zero. PC word
bits 8 down to 0 of the PC word are factory-initialized to zero. The WM710xx is shipped from the factory with
the EPC memory bank unlocked.
TID Memory Bank:
The TID memory bank consists of 4 words (64 bits), and is defined as shown in Table 2. The TID memory
bank is permanently locked at the factory and obeys the ISO/IEC 15963 numbering convention.
Table 2: TID memory Bank Fields
Class Identifier
MDID[11:4]
MDID[3:0]
TMN[11:0]
ID[31:16]
ID[15:0]
0
7
8
15
16
20
31
32
47
48
63
19
Figure 5. TID Memory Bank Fields
Bit Field
Value
(hex)
Description
00h – 07h
E2
ISO/IEC 15963 class-identifier
08h – 13h
016
Mask-Designer Identifier (MDID)
– Ramtron International
14h – 1Fh
216
Tag model number
20h – 3Fh
32-bit unique identifier


Similar Part No. - WM71004

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM71004-6-NF1 RAMTRON-WM71004-6-NF1 Datasheet
173Kb / 3P
   4Kbit Wireless Memory Inlay
More results

Similar Description - WM71004

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM72016 RAMTRON-WM72016 Datasheet
448Kb / 32P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Cypress Semiconductor
WM72016-6 CYPRESS-WM72016-6 Datasheet
772Kb / 33P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com