Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

600D107F015KD4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 600D107F015KD4
Description  Aluminum Capacitors Miniature, Axial Lead, High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

600D107F015KD4 Datasheet(HTML) 3 Page - Vishay Siliconix

  600D107F015KD4 Datasheet HTML 1Page - Vishay Siliconix 600D107F015KD4 Datasheet HTML 2Page - Vishay Siliconix 600D107F015KD4 Datasheet HTML 3Page - Vishay Siliconix 600D107F015KD4 Datasheet HTML 4Page - Vishay Siliconix 600D107F015KD4 Datasheet HTML 5Page - Vishay Siliconix 600D107F015KD4 Datasheet HTML 6Page - Vishay Siliconix 600D107F015KD4 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 42047
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 31-Aug-11
3
600D
Aluminum Capacitors
Miniature, Axial Lead, High Reliability
Vishay Sprague
20 WVDC AT + 85 °C . . . 15 WVDC AT + 125 °C
68
600D686F020KD4
0.281 x 0.937 [7.14 x 23.8]
4.274
0.081
150
600D157F020DD4
0.375 x 0.937 [9.53 x 23.8]
1.962
0.142
220
600D226F020DE4
0.375 x 1.126 [9.53 x 28.6]
1.325
0.186
330
600D337F020DG4
0.375 x 1.378 [9.53 x 35.0]
0.883
0.25
390
600D397F020DJ4
0.375 x 1.626 [9.53 x 41.3]
0.257
0.299
680
600D687F020DL4
0.375 x 2.185 [9.53 x 55.5]
0.564
0.385
820
600D827F020DX4
0.375 x 2.685 [9.53 x 68.2]
0.36
0.53
30 WVDC AT + 85 °C . . . 20 WVDC AT + 125 °C
47
600D476F030KD4
0.281 x 0.937 [7.14 x 23.8]
3.06
0.096
100
600D107F030DD4
0.375 x 0.937 [9.53 x 23.8]
1.50
0.162
150
600D157F030DE4
0.375 x 1.126 [9.53 x 28.6]
1.00
0.215
220
600D227F030DG4
0.375 x 1.378 [9.53 x 35.0]
0.675
0.285
270
600D277F030DJ4
0.375 x 1.626 [9.53 x 41.3]
0.56
0.338
390
600D397F030DL4
0.375 x 2.185 [9.53 x 55.5]
0.375
0.472
560
600D567F030DX4
0.375 x 2.685 [9.53 x 68.2]
0.264
0.62
40 WVDC AT + 85 °C . . . 30 WVDC AT + 125 °C
33
600D336F040KD4
0.281 x 0.937 [7.14 x 23.8]
4.50
0.079
82
600D826F040DD4
0.375 x 0.937 [9.53 x 23.8]
1.824
0.147
100
600D107F040DE4
0.375 x 1.126 [9.53 x 28.6]
1.50
0.175
150
600D157F040DG4
0.375 x 1.378 [9.53 x 35.0]
1.00
0.234
180
600D187F040DJ4
0.375 x 1.626 [9.53 x 41.3]
0.844
0.275
270
600D277F040DL4
0.375 x 2.185 [9.53 x 55.5]
0.54
0.394
390
600D397F040DX4
0.375 x 2.685 [9.53 x 68.2]
0.397
0.505
50 WVDC AT + 85 °C . . . 40 WVDC AT + 125 °C
22
600D226F050KD4
0.281 x 0.937 [7.14 x 23.8]
6.75
0.065
56
600D566F050DD4
0.375 x 0.937 [9.53 x 23.8]
2.65
0.122
68
600D686F050DE4
0.375 x 1.126 [9.53 x 28.6]
2.17
0.146
100
600D107F050DG4
0.375 x 1.378 [9.53 x 35.0]
1.50
0.192
150
600D157F050DJ4
0.375 x 1.626 [9.53 x 41.3]
1.00
0.253
180
600D187F050DL4
0.375 x 2.185 [9.53 x 55.5]
0.844
0.315
270
600D277F050DX4
0.375 x 2.685 [9.53 x 68.2]
0.54
0.433
60 WVDC AT + 85 °C . . . 50 WVDC AT + 125 °C
15
600D156F060KD4
0.281 x 0.937 [7.14 x 23.8]
9.65
0.055
39
600D396F060DD4
0.375 x 0.937 [9.53 x 23.8]
3.85
0.102
47
600D476F060DE4
0.375 x 1.126 [9.53 x 28.6]
3.06
0.123
82
600D826F060DG4
0.375 x 1.378 [9.53 x 35.0]
1.82
0.174
100
600D107F060DJ4
0.375 x 1.626 [9.53 x 41.3]
1.50
0.207
150
600D157F060DL4
0.375 x 2.185 [9.53 x 55.5]
1.00
0.29
220
600D227F060DX4
0.375 x 2.685 [9.53 x 68.2]
0.675
0.388
75 WVDC AT + 85 °C . . . 60 WVDC AT + 125 °C
12
600D126F075KD4
0.281 x 0.937 [7.14 x 23.8]
12.3
0.048
27
600D276F075DD4
0.375 x 0.937 [9.53 x 23.8]
5.625
0.084
39
600D396F075DE4
0.375 x 1.126 [9.53 x 28.6]
3.857
0.11
56
600D566F075DG4
0.375 x 1.378 [9.53 x 35.0]
2.64
0.144
82
600D826F075DJ4
0.375 x 1.626 [9.53 x 41.3]
1.82
0.187
120
600D127F075DL4
0.375 x 2.185 [9.53 x 55.5]
1.227
0.261
150
600D157F075DX4
0.375 x 2.685 [9.53 x 68.2]
1.00
0.399
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
AT + 25 °C
120 Hz
MAX. RIPPLE
AT + 125 °C
120 Hz


Similar Part No. - 600D107F015KD4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
600DP1S1M1Q E-SWITCH-600DP1S1M1Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M1R E-SWITCH-600DP1S1M1R Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M2Q E-SWITCH-600DP1S1M2Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M2R E-SWITCH-600DP1S1M2R Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
600DP1S1M3Q E-SWITCH-600DP1S1M3Q Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
More results

Similar Description - 600D107F015KD4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
630D VISHAY-630D_13 Datasheet
67Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 24-Apr-13
630D VISHAY-630D_08 Datasheet
129Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 22-Jul-08
516D VISHAY-516D_V01 Datasheet
98Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
01-Jan-2022
516D VISHAY-516D Datasheet
89Kb / 7P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 12-Apr-12
TVA1410 VISHAY-TVA1410 Datasheet
73Kb / 5P
   Aluminum Capacitors 85 C, Miniature, Axial Lead
Revision: 16-Apr-13
TVAATOM VISHAY-TVAATOM Datasheet
73Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 16-Apr-13
TVATOM VISHAY-TVATOM_15 Datasheet
67Kb / 5P
   Aluminum Capacitors 85 °C, Miniature, Axial Lead
Revision: 03-Mar-15
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
   Aluminum Capacitors 85 째C, Miniature, Axial Lead
30D VISHAY-30D_13 Datasheet
76Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 16-Apr-13
30D VISHAY-30D Datasheet
174Kb / 5P
   Aluminum Capacitors 105 °C, Miniature, Axial Lead, General Purpose
Revision: 22-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com