Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD1-2D00-030 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # TD1-2D00-030
Description  Thermal Dispersion Flow/Level Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1-2D00-030 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button TD1-2D00-030 Datasheet HTML 2Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 3Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 4Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 5Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 6Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 7Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 8Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 9Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
54-610 Thermatel Model TD1/TD2 Flow Level Switch
2.4
Wiring
The wiring connections for the power and relay are
suitable for 12–24 AWG wire.
Caution: OBSERVE ALL APPLICABLE ELECTRICAL CODES
AND PROPER WIRING PROCEDURES.
1. Make sure the power source is turned off.
2. Unscrew and remove housing cover.
3. Pull power supply and control wires through conduit con-
nection.
4. Connect power leads to proper terminals. Refer to Figure 6
for TD1 or Figure 7 for TD2 electronics. Note that the
TD1 is only available with 24 VDC input power. The
TD2 is available for AC power (100 to 260 VAC) or as a
DC power (19.2 to 28.8 VDC).
a. AC power – Connect “hot” wire to terminal marked L1
and the “neutral” wire to the terminal marked L2/N (TD2
Only). The green screw should be used for grounding.
b. DC Power – Connect wires to terminals (+) and (-) on the
terminal block. Unshielded cable can be utilized.
5. Perform Relay Connections (refer to Figure 6 for TD1 or
Figure 7 for TD2 electronics).
6. Prevent moisture seepage into housing by installing an
approved seal drain fitting in the conduit run leading to
the unit.
7. Installation is complete. Replace housing cover.
Caution: In hazardous areas, do not power the unit until the
conduit is sealed and enclosure cover is screwed
down securely.
NOTE: For supply connections use wire with a minimum rating of
+75° C, as required by process conditions. Use a minimum of
12–16 AWG wire for power and ground field wires.
NOTE: An approved disconnect device and current limiting device or
circuit breaker, maximum 15A shall be installed in close prox-
imity to equipment and within easy reach of operator.
It shall be marked as the disconnecting device for the equip-
ment.
NOTE: Housing must be grounded via protective ground screw in the
base of the housing.
Figure 6
TD1 Wiring
Figure 7
TD2 Wiring
POWER
HEATER
TEMP COMP
MEDIA
RANGE
FAILSAFE
FAULT
O
F
F
G
A
SE
O
N
LS
I
L
L
O
N
Q
H
L
O
F
F
ALARM
MODEL TD1
NC
C
NO
NC
C
NO
TIME
DELAY
ALARM
MODEL TD2
NC
C
NO
NC
C
NO
TP2
TP1
L2
L1
Power
Relay
mA


Similar Part No. - TD1-2D00-030

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
More results

Similar Description - TD1-2D00-030

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Emcore Corporation
359C EMCORE-359C Datasheet
499Kb / 2P
   Dispersion Compensation Module
359B EMCORE-359B Datasheet
413Kb / 2P
   Zero Dispersion Modules
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
   Flow Switch Tester
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
logo
MRV Communications, Inc...
EM316DCM060 MRV-EM316DCM060 Datasheet
300Kb / 2P
   Chromatic Dispersion Compensation Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com