Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3164 Datasheet(PDF) 3 Page - Ramtron International Corporation

Part # FM3164
Description  Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3164 Datasheet(HTML) 3 Page - Ramtron International Corporation

  FM3164 Datasheet HTML 1Page - Ramtron International Corporation FM3164 Datasheet HTML 2Page - Ramtron International Corporation FM3164 Datasheet HTML 3Page - Ramtron International Corporation FM3164 Datasheet HTML 4Page - Ramtron International Corporation FM3164 Datasheet HTML 5Page - Ramtron International Corporation FM3164 Datasheet HTML 6Page - Ramtron International Corporation FM3164 Datasheet HTML 7Page - Ramtron International Corporation FM3164 Datasheet HTML 8Page - Ramtron International Corporation FM3164 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
FM3104/16/64/256
Rev. 2.1
Sept. 2011
Page 3 of 26
Figure 1. Block Diagram
Pin Descriptions
Pin Name
Type
Pin Description
A0, A1
Input
Device select inputs are used to address multiple memories on a serial bus. To select
the device the address value on the two pins must match the corresponding bits
contained in the device address. The device select pins are pulled down internally.
CNT1, CNT2
Input
Event Counter Inputs: These battery-backed inputs increment counters when an edge is
detected on the corresponding CNT pin. The polarity is programmable. These pins
should not be left floating. Tie to ground if pins are not used.
CAL/PFO
Output
In calibration mode, this pin supplies a 512 Hz square-wave output for clock
calibration. In normal operation, this is the early power-fail output.
X1, X2
I/O
32.768 kHz crystal connection. When using an external oscillator, apply the clock to
X1 and a DC mid-level to X2 (see Crystal Oscillator section for suggestions).
/RST
I/O
Active low reset output with weak pull-up. Also input for manual reset.
SDA
I/O
Serial Data & Address: This is a bi-directional line for the two-wire interface. It is
open-drain and is intended to be wire-OR’d with other devices on the two-wire bus.
The input buffer incorporates a Schmitt trigger for noise immunity and the output
driver includes slope control for falling edges. A pull-up resistor is required.
SCL
Input
Serial Clock: The serial clock line for the two-wire interface. Data is clocked out of the
part on the falling edge, and in on the rising edge. The SCL input also incorporates a
Schmitt trigger input for noise immunity.
PFI
Input
Early Power-fail Input: Typically connected to an unregulated power supply to detect
an early power failure. This pin should not be left floating.
VBAK
Supply
Backup supply voltage: A 3V battery or a large value capacitor. If VDD<3.6V and no
backup supply is used, this pin should be tied to VDD. If VDD>3.6V and no backup
supply is used, this pin should be left floating and the VBC bit should be set.
VDD
Supply
Supply Voltage
VSS
Supply
Ground
FRAM
Array
2-Wire
Interface
SCL
SDA
RST
A1, A0
CAL/PFO
PFI
VDD
VBAK
RTC
2.5V
-
+
RTC Registers
Event
Counters
CNT1
CNT2
Special
Function
Registers
S/N
X1
X2
LockOut
LockOut
+
-
1.2V
Watchdog
LV Detect
Switched Power
512Hz
RTC Cal.
Battery Backed
Nonvolatile


Similar Part No. - FM3164

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3164 ETC1-FM3164 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM3164 RAMTRON-FM3164 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM3164 CYPRESS-FM3164 Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM3164 CYPRESS-FM3164 Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM3164-G RAMTRON-FM3164-G Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
More results

Similar Description - FM3164

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com