Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1768 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA1768
Description  High-Voltage Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1768 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA1768 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1768 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1768 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1768 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1768 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
No.3582-2/5
2SA1768/2SC4612
* : The 2SA1768/2SC4612 are classified by 100mA hFE as follows :
k
n
a
RR
S
T
h E
F
0
0
2
o
t
0
0
10
8
2
o
t
0
4
10
0
4
o
t
0
0
2
Switching Time Test Circuit
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
μ
0
1
=
E 0
=0
8
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
R
,
A
m
1
=
E
B =∞
0
6
1
)
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
μ
0
1
=
C 0
=6
V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
5
)
0
6
(s
n
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
)
0
0
9
(s
n
0
0
0
1s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
6
)
0
6
(s
n
VR
333
Ω
100V
--5V
20IB1= --20IB2= IC=300mA
+
+
50
Ω
INPUT
OUTPUT
RB
100
μF
470
μF
PW=20
μs
IB1
D.C.
≤1%
(For PNP, the polarity is reversed.)
IB2
--20mA
--40mA
--60mA
--80mA
--100mA
--120mA
From top
--200mA
--180mA
--160mA
--140mA
ITR04537
--800
--700
--600
--500
--400
--300
--200
--100
0
0
--400
--800
--1000
--200
--600
IC -- VCE
IB=0
2SA1768
ITR04536
20mA
10mA
30mA
40mA
50mA
From top
100mA
90mA
80mA
70mA
60mA
800
700
600
500
400
300
200
100
0
0
400
800
1000
200
600
IC -- VCE
IB=0
2SC4612
--800
--700
--600
--500
--400
--300
--200
--100
2SA1768
2SC4612
200
400
600
800
1000
10
20
30
40
50
60
70
80
0
0
IC -- VCE
IB=0
0.5mA
1.0mA
1.5mA
2.0mA
2.5mA
3.0mA
3.5
mA
4.0
mA
ITR04539
0
0
--20
--50
--60
--80
--10
--40
--30
--70
IC -- VCE
--0.5mA
--2.5mA
--3.0mA
--3.5mA
--4.0mA
--4.5mA
--1.0mA
IB=0
ITR04538
--2.0mA
--1.5mA
Collector-to-Emitter Voltage, VCE –mV
Collector-to-Emitter Voltage, VCE –mV
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Continued from preceding page.


Similar Part No. - 2SA1768

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SA1768 ONSEMI-2SA1768 Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
2SA1768S-AN ONSEMI-2SA1768S-AN Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
2SA1768T-AN ONSEMI-2SA1768T-AN Datasheet
583Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
August, 2013
More results

Similar Description - 2SA1768

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com