Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25040C-GTR Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM25040C-GTR
Description  4Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25040C-GTR Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM25040C-GTR Datasheet HTML 5Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 6Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 9Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 10Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 11Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 12Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FM25040C - 4Kb 5V SPI F-RAM
Rev. 1.1
July 2011
Page 11 of
13
Serial Data Bus Timing
CS
SCK
SI
SO
1/tCK
tCL
tCH
tCSH
tODV
tOH
tOD
tCSU
tSU
tH
tD
tR
tF
/Hold Timing
CS
SCK
SO
HOLD
tHS
tHH
tHZ
tLZ
tHS
tHH
Power Cycle Timing
VDD min
tPU
VDD
CS
tVR
tPD
tVF
Power Cycle Timing (TA = -40 C to + 85 C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
VDD(min) to First Access Start
1
-
ms
tPD
Last Access Complete to VDD(min)
0
-
s
tVR
VDD Rise Time
30
-
s/V
1
tVF
VDD Fall Time
100
-
s/V
1
Notes
1.
Slope measured at any point on VDD waveform.


Similar Part No. - FM25040C-GTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM25040-P ETC-FM25040-P Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM25040-S ETC-FM25040-S Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040A-G RAMTRON-FM25040A-G Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
More results

Similar Description - FM25040C-GTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B Datasheet
335Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com