Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25040C-GTR Datasheet(PDF) 9 Page - Ramtron International Corporation

Part # FM25040C-GTR
Description  4Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25040C-GTR Datasheet(HTML) 9 Page - Ramtron International Corporation

Back Button FM25040C-GTR Datasheet HTML 5Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 6Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 9Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 10Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 11Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 12Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FM25040C - 4Kb 5V SPI F-RAM
Rev. 1.1
July 2011
Page 9 of
13
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +7.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +7.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55C to + 125C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
4kV
1.25kV
300V
Package Moisture Sensitivity Level
MSL-1
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of
this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device
reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Main Power Supply
4.5
5.0
5.5
V
IDD
VDD Supply Current
@ SCK = 1.0 MHz
@ SCK = 20.0 MHz
0.25
4.0
mA
mA
1
ISB
Standby Current
4
10
A
2
ILI
Input Leakage Current
1
A
3
ILO
Output Leakage Current
1
A
3
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH
Output High Voltage
@ IOH = -1 mA
VDD – 0.8
-
V
VOL
Output Low Voltage
@ IOL = 2 mA
-
0.4
V
VHYS
Input Hysteresis
0.05 VDD
-
V
4
Notes
1.
SCK toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
SCK = SI = /CS=VDD. All inputs VSS or VDD.
3.
VIN or VOUT = VSS to VDD.
4.
This parameter is periodically sampled and not 100% tested. Applies only to /CS and SCK pins.


Similar Part No. - FM25040C-GTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM25040-P ETC-FM25040-P Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM25040-S ETC-FM25040-S Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040A-G RAMTRON-FM25040A-G Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
More results

Similar Description - FM25040C-GTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B Datasheet
335Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com