Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3130 Datasheet(PDF) 8 Page - Ramtron International Corporation

Part # FM3130
Description  Integrated RTC/Alarm and 64Kb F-RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130 Datasheet(HTML) 8 Page - Ramtron International Corporation

Back Button FM3130_11 Datasheet HTML 4Page - Ramtron International Corporation FM3130_11 Datasheet HTML 5Page - Ramtron International Corporation FM3130_11 Datasheet HTML 6Page - Ramtron International Corporation FM3130_11 Datasheet HTML 7Page - Ramtron International Corporation FM3130_11 Datasheet HTML 8Page - Ramtron International Corporation FM3130_11 Datasheet HTML 9Page - Ramtron International Corporation FM3130_11 Datasheet HTML 10Page - Ramtron International Corporation FM3130_11 Datasheet HTML 11Page - Ramtron International Corporation FM3130_11 Datasheet HTML 12Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
O
BS
O
LE
TE
N
o
D
ire
ct
R
ep
la
ce
m
en
t
Al
te
rn
at
iv
e:
FM
31
64
FM3130 Integrated RTC/Alarm with 64Kb FRAM
Rev. 3.2
Sept. 2011
Page 8 of 22
Register Map
The RTC, alarm, and other functions are accessed via 15 special function registers mapped to a separate 2-wire
device ID. The interface protocol is described below. The registers contain timekeeping data, control bits, or
information flags. A description of each register follows the summary table below.
Register Map Summary Table
Address
D7
D6
D5
D4
D3
D2
D1
D0
Function
Range
0Eh
AL/SW
F1
F0
WP1
WP0
VBC
FC
TST
Alarm & WP Control
0Dh
/Match
0
0
10 mo
Alarm months
Alarm Month
01-12
0Ch
/Match
0
10 date
Alarm date
Alarm Date
01-31
0Bh
/Match
0
Alarm 10 hours
Alarm hours
Alarm Hours
00-23
0Ah
/Match
Alarm 10 minutes
Alarm minutes
Alarm Minutes
00-59
09h
/Match
Alarm 10 seconds
Alarm seconds
Alarm Seconds
00-59
08h
10 years
years
RTC Years
00-99
07h
0
0
0
10 mo
months
RTC Month
1-12
06h
0
0
10 date
date
RTC Date
1-31
05h
0
0
0
0
0
day
RTC Day
1-7
04h
0
0
10 hours
hours
RTC Hours
0-23
03h
0
10 minutes
minutes
RTC Minutes
0-59
02h
0
10 seconds
seconds
RTC Seconds
0-59
01h
/OSCEN
-
CALS
CAL4
CAL3
CAL2
CAL1
CAL0
CAL/Control
00h
LB
AF
CF
POR
AEN
CAL
W
R
RTC/Alarm Control
Note: When the device is first powered up, all registers should be treated as unknown and must be written.
Otherwise, unpredictable behavior may result.


Similar Part No. - FM3130_11

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3130-DG RAMTRON-FM3130-DG Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
FM3130-G RAMTRON-FM3130-G Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
More results

Similar Description - FM3130_11

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3130 RAMTRON-FM3130 Datasheet
262Kb / 22P
   Integrated RTC/Alarm and 64Kb FRAM
FM3135 RAMTRON-FM3135 Datasheet
267Kb / 21P
   Integrated RTC/Alarm/F-RAM & Embedded Crystal
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com