Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1416 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SA1416
Description  High-Voltage Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1416 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SA1416_10 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1416_10 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1416_10 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1416_10 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1416_10 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1416 / 2SC3646
No.2005-4/5
f T -- IC
Cob -- VCB
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
A S O
PC -- Ta
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
ITR03534
10
3
100
5
7
2
3
2
0.01
3
0.1
5
7
5
7
2
3
1.0
5
5
7
2
3
2
7 0.01
0.1
57
3
2
1.0
57
3
2
7
1.0
53
22
10
100
5
3
7
2
5
3
7
2
0
0.2
0.5
0.4
0.6
0.8
1.6
1.3
1.4
1.2
1.0
7
1.0
10
57
3
25
7
3
2
100
2
0
20
80
100
60
40
160
140
120
ITR03535
ITR03540
Mounted
on
a
ceramic
board
(250mm
2
0.8mm)
No heat
sink
7
10
53
27 100
5
ITR03541
2SA1416 / 2SC3646
2SA1416 / 2SC3646
f=1MHz
2SA1416
2SC3646
2SA1416
2SC3646
2SA1416 / 2SC3646
VCE=10V
1ms
10
ms
100
m
s
DC
operation
For PNP, minus sign is omitted
2SA1416 / 2SC3646
Single pulse Ta=25
°C
Mounted on a ceramic board (250mm2
✕0.8mm)
ICP=2A
IC=1A
ITR03539
ITR03538
2
--0.01
57
73
2
2
--0.1
57
3
--1.0
2
--0.01
--0.1
57
73
2
2
--1.0
57
32
0.01
0.1
57
73
2
2
1.0
57
3
--1.0
--10
2
3
5
7
3
5
7
2
0.01
57
73
2
2
0.1
57
3
1.0
1.0
10
2
3
5
7
3
5
7
--1000
--100
2
3
5
7
2
3
5
7
ITR03536
100
2
3
5
7
1000
2
3
5
7
ITR03537
2SC3646
IC / IB=10
2SA1416
IC / IB=10
2SA1416
IC / IB=10
75
°C
25
°C
Ta=--25°C
--25
°C
25
°C
75
°C
25
°C
Ta=--25°C
2SC3646
IC / IB=10
Ta=75
°C
--25
°C
25
°C
Ta=75°C
For PNP, minus sign is omitted
For PNP, minus sign is omitted


Similar Part No. - 2SA1416_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1416 SANYO-2SA1416_12 Datasheet
457Kb / 7P
   High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1416 KEXIN-2SA1416_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SA1416_10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com