Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD2-7D00-072 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # TD2-7D00-072
Description  Thermal Dispersion Mass Flow Transmitter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD2-7D00-072 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button TD2-7D00-072 Datasheet HTML 7Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 8Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 9Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 10Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 11Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 12Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 13Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 14Page - Magnetrol International, Inc. TD2-7D00-072 Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
11
54-631 Thermatel Model TA2 Transmitter
2.4.5 Remote Electronics
If the electronics are remote from the probe, a remote
board with terminal blocks is provided in the housing on
the probe. For cable lengths up to 200 feet, the connection
between the probe and electronics should be an 8-conductor
shielded cable (Belden 8104). For cable lengths up to
500 feet, a 10-conductor shielded cable (Belden 8305) is
used. This cable length can be adjusted in the field. If cable
other than the recommended Belden cable is used, following
are the maximum resistances which should be utilized:
8 Conductor– maximum resistance of 5.4 ohms
10 Conductor– maximum resistance of 10.0 ohms
Caution: The probe and electronics are calibrated and shipped as a
matched set. The model number is indicated on both the
electronics nameplate and the probe nameplate; verify
that they are the same.
2.4.5.1 Probe Wiring
The probe housing contains a remote board with terminal
blocks for ease of wiring between the probe and the elec-
tronics. An 8-wire (Belden 8104) or 10-wire (Belden
8305) shielded interconnecting cable from the probe hous-
ing to the instrument is required. Refer to Figure 10 for
wiring connections inside the probe housing and for
remote cable wiring from the probe housing to the elec-
tronics housing.
1. Remove electrical power to the instrument.
2. Remove and unplug the display module if provided.
3. Remove the two hex head fasteners using a 14" socket. This
will remove a module consisting of the processor circuit
board and the power loop circuit board.
4. Unplug the electrical connections at J1 of the power loop
board.
5. Probe wiring connections are made to TB1 on the same
side of the power loop circuit board. Refer to Figure 10.
6. Reattach the electrical connections to J1.
7. Reassemble the circuit boards in the enclosure. Make sure
that the probe wiring does not get pinched between the
standoffs on the circuit board and the attachment lugs in
the housing.
8. Reinstall the display module if provided.
9. Apply power to the instrument.
Figure 10
Probe Housing
TB2
J1
To Probe
1 2 3 4 5 6 7 8 9 10
REMOTE WIRING CABLE CONNECTIONS
Belden 8104
Max 200 Feet
(60 meters)
Wire Color
Belden 8305
Max 500 Feet
(150 meters)
Wire Number
TB2
connection
Probe Housing
TB1
connection at
Circuit Board
in Electronics
Green/White
1
1
1
White/Green
2
2
2
Blue/White
3
3
3
White/Blue
4
4
4
Brown/White
5
5
5
White/Brown
6
6
6
Orange/White
7
7
7
White/Orange
8
8
8
9
9
9
10
10
10
Shield
Shield
Not used
11
Power/Loop Board in
Electronics Housing


Similar Part No. - TD2-7D00-072

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
More results

Similar Description - TD2-7D00-072

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Magnetrol International...
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
   Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
logo
Omron Electronics LLC
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
   MEMS Mass Flow Sensor
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
   Analog Mass Flow Meter
Version 0.4
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
   MEMS Mass Flow Sensor
logo
List of Unclassifed Man...
ASF1400 ETC2-ASF1400 Datasheet
272Kb / 9P
   Bidirectional Mass Flow Meter
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000 Datasheet
352Kb / 5P
   MEMS Mass Flow Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com