Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409DMQ135 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 409DMQ135
Description  Schottky Rectifier, 400 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

409DMQ135 Datasheet(HTML) 3 Page - Vishay Siliconix

  409DMQ135 Datasheet HTML 1Page - Vishay Siliconix 409DMQ135 Datasheet HTML 2Page - Vishay Siliconix 409DMQ135 Datasheet HTML 3Page - Vishay Siliconix 409DMQ135 Datasheet HTML 4Page - Vishay Siliconix 409DMQ135 Datasheet HTML 5Page - Vishay Siliconix 409DMQ135 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93110
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 18-Nov-09
3
409DMQ135
Schottky Rectifier, 400 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
T = 150˚C
T = 125˚C
T = 25˚C
J
J
J
Forward Voltage Drop-V
FM (V)
0.001
0.01
0.1
1
10
100
1000
0
30
60
90
120
150
150˚C
125˚C
100˚C
75˚C
50˚C
25˚C
T = 175˚C
J
Reverse Voltage-V
R (V)
100
1000
10000
0
306090
120
T = 25˚C
J
Reverse Voltage-V
R (V)
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single Pulse
(Thermal Resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
2
t
1
t
P
DM
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
J
DM
thJC
C
2
1
t1,RectangularPulseDuration(Seconds)


Similar Part No. - 409DMQ135

ManufacturerPart #DatasheetDescription
logo
International Rectifier
409DMQ135 IRF-409DMQ135 Datasheet
68Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
409DMQ135 SMC-409DMQ135 Datasheet
152Kb / 4P
   SCHOTTKY RECTIFIER
409DMQ135 SMC-409DMQ135 Datasheet
152Kb / 4P
   All SMC parts are traceable to the wafer lot
More results

Similar Description - 409DMQ135

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400CNQ045PBF VISHAY-400CNQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS403 VISHAY-VSKCS403 Datasheet
157Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
VSKCS408 VISHAY-VSKCS408 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
409CNQPBF VISHAY-409CNQPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS409 VISHAY-VSKCS409 Datasheet
161Kb / 6P
   Schottky Rectifier, 400 A
Revision: 27-Oct-08
VSKJS403 VISHAY-VSKJS403 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 25-Apr-08
logo
Nell Semiconductor Co.,...
NKSD400-100 NELLSEMI-NKSD400-100 Datasheet
384Kb / 6P
   Schottky Rectifier, 400 A
logo
Vishay Siliconix
403CMQ100 VISHAY-403CMQ100 Datasheet
113Kb / 7P
   Schottky Rectifier, 400 A
Revision: 19-Nov-09
409CNQ135PBF VISHAY-409CNQ135PBF_12 Datasheet
126Kb / 7P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS400 VISHAY-VSKCS400 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 23-Apr-08
401CNQPBF VISHAY-401CNQPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com