Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

409DMQ135 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 409DMQ135
Description  Schottky Rectifier, 400 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

409DMQ135 Datasheet(HTML) 2 Page - Vishay Siliconix

  409DMQ135 Datasheet HTML 1Page - Vishay Siliconix 409DMQ135 Datasheet HTML 2Page - Vishay Siliconix 409DMQ135 Datasheet HTML 3Page - Vishay Siliconix 409DMQ135 Datasheet HTML 4Page - Vishay Siliconix 409DMQ135 Datasheet HTML 5Page - Vishay Siliconix 409DMQ135 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93110
2
Revision: 18-Nov-09
409DMQ135
Vishay High Power Products
Schottky Rectifier, 400 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
VFM (1)
200 A
TJ = 25 °C
1.03
V
400 A
1.21
200 A
TJ = 125 °C
0.71
400 A
0.82
Maximum reverse leakage current per leg
IRM (1)
TJ = 25 °C
VR = Rated VR
6
mA
TJ = 125 °C
85
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
6000
pF
Typical series inductance per leg
LS
From top of terminal hole to mounting plane
5.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case
per leg
RthJC
DC operation
0.4
°C/W
per package
0.2
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.1
°C/W
Approximate weight
79
g
2.80
oz.
Mounting torque base
minimum
Non-lubricated threads
24 (20)
kgf · cm
(lbf · in)
maximum
35 (30)
Mounting torque center hole
typical
13.5 (12)
Terminal torque
minimum
35 (30)
maximum
46 (40)
Case style
Modified JEDEC
TO-244AB Isolated Doubler


Similar Part No. - 409DMQ135

ManufacturerPart #DatasheetDescription
logo
International Rectifier
409DMQ135 IRF-409DMQ135 Datasheet
68Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
409DMQ135 SMC-409DMQ135 Datasheet
152Kb / 4P
   SCHOTTKY RECTIFIER
409DMQ135 SMC-409DMQ135 Datasheet
152Kb / 4P
   All SMC parts are traceable to the wafer lot
More results

Similar Description - 409DMQ135

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
400CNQ045PBF VISHAY-400CNQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS403 VISHAY-VSKCS403 Datasheet
157Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
VSKCS408 VISHAY-VSKCS408 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 24-Apr-08
409CNQPBF VISHAY-409CNQPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS409 VISHAY-VSKCS409 Datasheet
161Kb / 6P
   Schottky Rectifier, 400 A
Revision: 27-Oct-08
VSKJS403 VISHAY-VSKJS403 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 25-Apr-08
logo
Nell Semiconductor Co.,...
NKSD400-100 NELLSEMI-NKSD400-100 Datasheet
384Kb / 6P
   Schottky Rectifier, 400 A
logo
Vishay Siliconix
403CMQ100 VISHAY-403CMQ100 Datasheet
113Kb / 7P
   Schottky Rectifier, 400 A
Revision: 19-Nov-09
409CNQ135PBF VISHAY-409CNQ135PBF_12 Datasheet
126Kb / 7P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
VSKCS400 VISHAY-VSKCS400 Datasheet
158Kb / 6P
   Schottky Rectifier, 400 A
Revision: 23-Apr-08
401CNQPBF VISHAY-401CNQPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 400 A
Revision: 29-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com