Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD1-2D00-031 Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # TD1-2D00-031
Description  Thermal Dispersion Mass Flow Transmitter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1-2D00-031 Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button TD1-2D00-031 Datasheet HTML 4Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 5Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 6Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 7Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 8Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 9Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 10Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 11Page - Magnetrol International, Inc. TD1-2D00-031 Datasheet HTML 12Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
8
54-631 Thermatel Model TA2 Transmitter
Pressure ratings of the compression fitting:
Stainless steel ferrules:
1500 psig at +70° F (103 bar at +20° C)
1375 psig at +400° F (95 bar at +200° C)
Teflon® ferrules:
100 psig (7 bar)
Figure 5
Probe Installation into a Tee Fitting is
Not Recommended
Various methods of mounting the probe include compres-
sion fittings, threads, and flanged connections. Refer to
probe model numbers. The insertion probe can be
installed through a compression fitting. The use of a
bored-through fitting with 34" or 1" NPT connection for
3
4" outside diameter tube is recommended.
The use of Teflon® ferrules should be considered if repeat-
ed reposition of the sensor is considered. The stainless steel
ferule can only be tightened once as it makes a permanent
indentation on the probe. If using a compression fitting
with stainless steel ferrules, ensure that the probe is in the
desired location before tightening.
NOTE: The TA2 flow measurement is based on a fully developed tur-
bulent flow profile in a pipe with the specified inner diameter.
Accuracy will be affected if these conditions are not obtained.
Installing the probe in a tee is not recommended as the flow
profile and the flow area are distorted (See figure 5).
For applications where it is desirable to install or remove
the probe without having to shut down the process,
The Magnetrol Retractable Probe Assembly (RPA) can be
utilized. See the TA2 Sales Brochure (Magnetrol bulletin
54-140) for more information.
WARNING To avoid potential damage or injury, never loosen a
compression fitting while sensor is under pressure.
NOTE: Remote electronics is recommended for operating tempera-
tures greater than +250° F (+120° C) or in locations where the
temperature of the electronics will exceed +175° F (+80° C).
Optionally, an insertion probe with extended probe length to
provide at least four inches (100 mm) between the electronics
and the compression fitting can be utilized.
NOTE: The sensor must be installed in a location where moisture
cannot drip or come in contact with the heated element. Any
contact with condensed moisture in the gas flow will cause a
false high flow indication. Consider mounting the probe at
a 45° angle from top, from the side or bottom of the pipe to
minimize possibility of condensed moisture running down the
probe and contacting the sensor (see Figure 6). In extreme
cases, it may be necessary to insulate or even heat trace the
pipe to prevent the condensation of moisture.
The TA2 with an insertion probe provides a point meas-
urement and assumes that a fully developed profile exists.
See Appendix. The user has the ability to compensate the
flow measurements based upon flow profile considerations
under the Advanced Configuration section of the software.
See Section 2.5.11.
NOTE: If equipment is used in a manner not specified by manufacturer,
protection provided by equipment may be impaired.
Figure 6
Install the TA2 at an Angle
where Condensed Moisture
may be Present


Similar Part No. - TD1-2D00-031

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
More results

Similar Description - TD1-2D00-031

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Magnetrol International...
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
   Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
logo
Omron Electronics LLC
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
   MEMS Mass Flow Sensor
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
   Analog Mass Flow Meter
Version 0.4
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
   MEMS Mass Flow Sensor
logo
List of Unclassifed Man...
ASF1400 ETC2-ASF1400 Datasheet
272Kb / 9P
   Bidirectional Mass Flow Meter
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000 Datasheet
352Kb / 5P
   MEMS Mass Flow Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com