Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA2-A000-031 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # TA2-A000-031
Description  Thermal Dispersion Mass Flow Transmitter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TA2-A000-031 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button TA2-A000-031 Datasheet HTML 5Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 6Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 7Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 8Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 9Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 10Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 11Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 12Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
F1
TEST
F2 TEST
POWER
LOOP2
OUTPUT
100-264 VAC
DC INPUT
+
-
P-
A+
P-
LOOP1/HART
OUTPUT
PULSE/
P+
P-
50/
60Hz
INPUT
AC
A-
P+
A-
P+ A+
ALARM
TB3
D6
TB4
TB2
TB5
R1
F1
TB1
AC Power input
(100 – 264 VAC)
TB1
DC Power input
(11.6 – 29 VDC)
TB2
Analog Output 1
Active or Passive
connections
TB3
Pulse/Alarm Output
Active or Passive
connections
TB4
Analog Output 2
Passive
connections only
TB5
9
54-631 Thermatel Model TA2 Transmitter
Figure 7
Wiring Housing Cover
Figure 8
Wiring Connections
Input Wiring Board
Wiring
Compartment
2.4
Wiring
There are two connections in the electronics enclosure for
3
4" NPT or M20 connections. These are generally used as
one connection for input power and one for output signal.
2.4.1 Power and Signal Connection
The instrument has separate wiring connections for AC (100
to 260 VAC) and DC ( 11.6 to 30 VDC). AC power wiring
connections are made to terminal block TB1. DC Connec-
tions are made to terminal block TB2. Refer to Figure 8.
NOTE: The AC power terminal blocks accept 12–26 AWG wire and
the DC power terminal blocks accept 14–26 AWG wire. Select
wire size consistent with power requirements. The mA output
and pulse also accept 14–26 AWG wire.
For a maximum ambient temperature of 80° C use wiring rated
up to 264 VAC and 105° C. For a maximum ambient of 70° C
use wire rated up to 264 VAC and 95° C.
Caution: OBSERVE ALL APPLICABLE ELECTRICAL CODES
AND PROPER WIRING PROCEDURES.
1. Make sure the power source is turned off.
2. Unscrew and remove housing cover of wiring compartment.
Refer to Figure 5.
3. Pull power supply and control wires through conduit
connection.
4. Connect power leads to proper terminals. Refer to Figure 8.
a. VAC (100 to 260 VAC) Make connections to TB1.
Connect hot wire to terminal marked L1 and the second
wire to the terminal marked L2.
b. DC (11.6 to 30 VDC)–Make connections to TB2. Con-
nect wires to terminals (+) and (-) on the terminal block.
NOTE: The green screw in the rear of the housing should be used for
earth ground.
7. Connect the 4-20 mA signal wiring to terminal block TB3.
Refer to Section 2.4.3.
8. If the TA2 model has the optional pulse/alarm output,
connect the signal wiring to terminal block TB4.
Connections for both an active (powered) connection and
a passive (requires external power supply) are provided.
Refer to section 2.4.4.
9. The TA2 has the optional second mA output connect signal
wiring to terminal block TB5. This output is a passive
connection requiring an external power supply.
10. Replace housing cover. Installation is complete.
Caution: In hazardous areas, do not apply power to the unit until
the conduit is sealed and the enclosure cover is screwed
down securely.
NOTE: Install using Teflon® tape at all conduit entries (maximum 2 turns).


Similar Part No. - TA2-A000-031

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
   Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
More results

Similar Description - TA2-A000-031

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Magnetrol International...
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
   Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
logo
Omron Electronics LLC
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
   MEMS Mass Flow Sensor
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
   Analog Mass Flow Meter
Version 0.4
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
   MEMS Mass Flow Sensor
logo
List of Unclassifed Man...
ASF1400 ETC2-ASF1400 Datasheet
272Kb / 9P
   Bidirectional Mass Flow Meter
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000 Datasheet
352Kb / 5P
   MEMS Mass Flow Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com