Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

249NQ150R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 249NQ150R
Description  Schottky Rectifier, 240 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

249NQ150R Datasheet(HTML) 2 Page - Vishay Siliconix

  249NQ150R Datasheet HTML 1Page - Vishay Siliconix 249NQ150R Datasheet HTML 2Page - Vishay Siliconix 249NQ150R Datasheet HTML 3Page - Vishay Siliconix 249NQ150R Datasheet HTML 4Page - Vishay Siliconix 249NQ150R Datasheet HTML 5Page - Vishay Siliconix 249NQ150R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 93290
2
Revision: 18-Nov-09
249NQ150R
Vishay High Power Products
Schottky Rectifier, 240 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
240 A
TJ = 25 °C
1.07
V
480 A
1.27
240 A
TJ = 125 °C
0.74
480 A
0.86
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
6
mA
TJ = 125 °C
85
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
6000
pF
Typical series inductance
LS
From top of terminal hole to mounting plane
5.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
See fig. 4
0.20
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.15
Approximate weight
25.6
g
0.9
oz.
Mounting torque
minimum
Non-lubricated threads
40 (35)
kgf · cm
(lbf · in)
maximum
58 (50)
Terminal torque
minimum
58 (50)
maximum
86 (75)
Case style
D-67 HALF-PAK Reverse


Similar Part No. - 249NQ150R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
249NQ150R IRF-249NQ150R Datasheet
114Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
249NQ150R-1 SMC-249NQ150R-1 Datasheet
176Kb / 4P
   Replaces three parallel DO-5?셎
More results

Similar Description - 249NQ150R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
241NQ045R VISHAY-241NQ045R Datasheet
119Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
242NQ030R VISHAY-242NQ030R Datasheet
111Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
245NQ015R VISHAY-245NQ015R Datasheet
117Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
240NQ045PBF VISHAY-240NQ045PBF Datasheet
112Kb / 6P
   Schottky Rectifier, 240 A
Revision: 06-May-08
249NQ150PBF VISHAY-249NQ150PBF Datasheet
112Kb / 6P
   Schottky Rectifier, 240 A
Revision: 28-Apr-08
241NQ045PBF VISHAY-241NQ045PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 240 A
Revision: 06-May-08
242NQ030PBF VISHAY-242NQ030PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 240 A
Revision: 28-Apr-08
243NQ100PBF VISHAY-243NQ100PBF Datasheet
112Kb / 6P
   Schottky Rectifier, 240 A
Revision: 28-Apr-08
243NQ100R VISHAY-243NQ100R Datasheet
119Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
VS-243NQ100PBF VISHAY-VS-243NQ100PBF_V01 Datasheet
133Kb / 6P
   High Performance Schottky Rectifier, 240 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com