Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25V10-G Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM25V10-G
Description  1Mb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V10-G Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM25V10-G Datasheet HTML 1Page - Ramtron International Corporation FM25V10-G Datasheet HTML 2Page - Ramtron International Corporation FM25V10-G Datasheet HTML 3Page - Ramtron International Corporation FM25V10-G Datasheet HTML 4Page - Ramtron International Corporation FM25V10-G Datasheet HTML 5Page - Ramtron International Corporation FM25V10-G Datasheet HTML 6Page - Ramtron International Corporation FM25V10-G Datasheet HTML 7Page - Ramtron International Corporation FM25V10-G Datasheet HTML 8Page - Ramtron International Corporation FM25V10-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FM25V10 - 1Mb SPI FRAM
Rev. 2.0
May 2010
Page 2 of 16
Instruction Decode
Clock Generator
Control Logic
Write Protect
Instruction Register
Address Register
Counter
16384 x 64
FRAM Array
17
Data I/O Register
8
Nonvolatile Status
Register
3
W
S
C
Q
D
HOLD
Figure 1. Block Diagram
Pin Descriptions
Pin Name
I/O
Description
/S
Input
Chip Select: This active-low input activates the device. When high, the device enters
low-power standby mode, ignores other inputs, and all outputs are tri-stated. When
low, the device internally activates the C signal. A falling edge on /S must occur prior
to every op-code.
C
Input
Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on
the rising edge and outputs occur on the falling edge. Since the device is static, the
clock frequency may be any value between 0 and 40 MHz and may be interrupted at
any time.
/HOLD
Input
Hold: The /HOLD pin is used when the host CPU must interrupt a memory operation
for another task. When /HOLD is low, the current operation is suspended. The device
ignores any transition on C or /S. All transitions on /HOLD must occur while C is low.
This pin has a weak internal pull-up (see RIN spec, pg 11). However, if it is not used,
the /HOLD pin should be tied to VDD.
/W
Input
Write Protect: This active-low pin prevents write operations to the Status Register
only. A complete explanation of write protection is provided on pages 6 and 7. If it is
not used, the /W pin should be tied to VDD.
D
Input
Serial Input: All data is input to the device on this pin. The pin is sampled on the
rising edge of C and is ignored at other times. It should always be driven to a valid
logic level to meet IDD specifications.
* D may be connected to Q for a single pin data interface.
Q
Output
Serial Output: This is the data output pin. It is driven during a read and remains tri-
stated at all other times including when /HOLD is low. Data transitions are driven on
the falling edge of the serial clock.
* Q may be connected to D for a single pin data interface.
VDD
Supply
Power Supply
VSS
Supply
Ground


Similar Part No. - FM25V10-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25V10-G CYPRESS-FM25V10-G Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM25V10-G CYPRESS-FM25V10-G Datasheet
484Kb / 17P
   1Mb Serial 3V F-RAM Memory
FM25V10-GTR CYPRESS-FM25V10-GTR Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM25V10-GTR CYPRESS-FM25V10-GTR Datasheet
484Kb / 17P
   1Mb Serial 3V F-RAM Memory
More results

Similar Description - FM25V10-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10 Datasheet
441Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM25V10 CYPRESS-FM25V10_13 Datasheet
484Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10_10 Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10_13 Datasheet
417Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10 Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V10 CYPRESS-FM25V10 Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com