Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD2 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # TD2
Description  THERMATEL짰THERMALDISPERSION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD2 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button TD2 Datasheet HTML 3Page - Magnetrol International, Inc. TD2 Datasheet HTML 4Page - Magnetrol International, Inc. TD2 Datasheet HTML 5Page - Magnetrol International, Inc. TD2 Datasheet HTML 6Page - Magnetrol International, Inc. TD2 Datasheet HTML 7Page - Magnetrol International, Inc. TD2 Datasheet HTML 8Page - Magnetrol International, Inc. TD2 Datasheet HTML 9Page - Magnetrol International, Inc. TD2 Datasheet HTML 10Page - Magnetrol International, Inc. TD2 Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
S P E C I F I C A T I O N S
A P P R O V A L S
THERMATEL TA2
SAFETYI
Supply Voltage
11.6 to 30 VDC
100 to 264 VAC
Power Consumption
7 VA typical
Flow Range Maximum
10–50,000 SFPM (0.05–250 Nm/s) air reference to standard conditions
Higher ranges and other gases available
Accuracy Flow
±1% of reading +0.5% of calibrated full scale
Accuracy Temperature
±2° F (1° C)
Repeatability
±0.5% of reading
Turn Down
100:1 typical (depending on calibrated flow range)
Ambient Temperature
-40° to +176° F (-40° to +80° C);
display not readable below -22° F (-30° C)
Process Temperature
-50° to +400° F (-45° to +200° C)
Pressure Rating
1500 psig (103 bar) maximum
Analog Output Signal
Active:
4–20 mA (isolated) maximum 1000
Ω loop resistance
Passive:
4–20 mA (isolated) loop resistance dependent on power supply
HART
Optional
Product Features:
Accepts all typical input powers in same unit
Second mA output for temperature output or second flow range optional
Pulse output optional
Integral or remote electronics
Rotatable housing to permit viewing the display from any position
Pre-calibrated and configured for the user’s application. Ready to install.
Flow totalization
Stainless steel and Hastelloy probes with wide selection of process connections
All explosion proof housing with FM, FMc, and ATEX hazardous area approval
Insertion probes and flow body designs
Ability to replace probe/circuit boards in field
On-site calibration verification procedure
PACTwarefor configuration, diagnostics, and trending
SIL 1 with SFF value of 88.4%
NIST traceable calibration
Optional hot tap assembly
HART®, AMS communication
Ability to replace probe in field
4-button keypad for data entry
Two gas calibrations available


Similar Part No. - TD2

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD2-7D00-072 MAGNETROL-TD2-7D00-072 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TD2-7H01-074 MAGNETROL-TD2-7H01-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
logo
Cooper Bussmann, Inc.
TD2-D COOPER-TD2-D Datasheet
421Kb / 8P
   NH bases
logo
NTE Electronics
TD2.2M10 NTE-TD2.2M10 Datasheet
17Kb / 1P
   SOLID TANTALUM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com