Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD1 Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # TD1
Description  THERMATEL짰THERMALDISPERSION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1 Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button TD1 Datasheet HTML 4Page - Magnetrol International, Inc. TD1 Datasheet HTML 5Page - Magnetrol International, Inc. TD1 Datasheet HTML 6Page - Magnetrol International, Inc. TD1 Datasheet HTML 7Page - Magnetrol International, Inc. TD1 Datasheet HTML 8Page - Magnetrol International, Inc. TD1 Datasheet HTML 9Page - Magnetrol International, Inc. TD1 Datasheet HTML 10Page - Magnetrol International, Inc. TD1 Datasheet HTML 11Page - Magnetrol International, Inc. TD1 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Input Power
TD1:
19.2 to 28.8 VDC
TD2:
100 to 264 VAC, 50–60 Hz or 19.2 to 28.8 VDC
Power Consumption
TD1:
3.5 watts at 24 VDC, 4.5 watts at 30 VDC
TD2:
4 watts at 24 VDC, 4.5 watts at 30 VDC, 5 watts at 100 to 264 VAC
Power to Probe
Less than 1 watt
Electronics
TD1:
Integral
TD2:
Integral or remote
Relay
8-amp DPDT — TD2 has optional hermetically sealed relay
Set Point Range
Water:
0.01 to 5 fps (0.003 to 1.5 m/s)
Air:
0.1 to 500 sfps (0.3 to 150 nm/s)
Process Temperature
-100° to +850° F (-73° to +454° C)
Process Pressure
Probe dependent — to 6000 psig (414 bar)
General Description:
The TD1/TD2 Thermatel switch is extremely versatile providing
flow/level/interface detection in a single unit. Both liquid and gas flow
detection is obtainable. The TD1 is available with 24 VDC power with the
TD2 available in either an AC or DC version. The TD2 also provides LED
indication through an optional glass window, mA output for diagnostics or
repeatable flow/level indication, optional hermetically sealed relay, time
delay adjustment, and remote electronics. Continuous diagnostics on both
units provides assurance that the switch is operating properly.
Features:
Continuous diagnostics
Temperature compensation
No moving parts
Narrow hysteresis
Operating temperatures to +850° F (+450° C)
Integral or remote electronics
8-amp DPDT relay with optional hermetically sealed relay
Low flow sensing capabilities
Probes available in 316 stainless steel, Hastelloy® C, and Monel®
Wide selection of sensors – see page 10
NACE construction available
Hygienic design available
Applications:
Flow: Pump protection, relief valve monitoring, low flow/high flow indication,
cooling air/water, exhaust flow, analyzer lines, lubrication systems
Level: High level/low level/interface detection, high viscosity liquids, slurries,
high pressure, high temperature, air/foam and foam/liquid detection,
corrosive environments
THERMATEL TD1 & TD2
Switches
Flow / Level / Interface Detection
S P E C I F I C A T I O N S
A P P R O V A L S


Similar Part No. - TD1

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TD1 TRUMPOWER-TD1 Datasheet
22Kb / 1P
   DC/DC CONVERTERS
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
Tumbler Technologies + ...
TD1-5D0505 TRUMPOWER-TD1-5D0505 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 5V Input, 5-6 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com