Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T63-4H4R-JEE Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # T63-4H4R-JEE
Description  Side Mounting Liquid Level Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T63-4H4R-JEE Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  T63-4H4R-JEE Datasheet HTML 1Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 2Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 3Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 4Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 5Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 6Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 7Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AGENCY
APPROVED MODEL
APPROVAL CLASSES
FM
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups C & D
listed as TYPE 4X/7/9
Class
II, Div 1, Groups E, F & G
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups B, C & D
listed as TYPE 4X/7/9 Class
I, Div 1, Group B
Class
II, Div 1, Groups E, F & G
CSA
All with a Series H1, HS, F, 8 or 9 electric switch
Class
I, Div 2, Groups B, C & D
mechanism and a housing listed as CSA TYPE 4X
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups C & D
listed as TYPE 4X/7/9
Class
II, Div 1, Groups E, F & G
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups B, C & D
listed as TYPE 4X/7/9 Class
I, Div 1, Group B
Class
II, Div 1, Groups E, F & G
ATEX / IEC Ex

All with an electric switch mechanism and an
ATEX
II 2 G EEx d IIC T6
ATEX housing
Œ
94/9/EC
IEC Ex Ex d
IIC T6
IP 66
CE
Low Voltage Directives 2006/95/EC
Installation Category
II
Per Harmonized Standard:
Pollution Degree 2
EN 61010-1/1993 & Amendment No. 1
2
T E C H N O L O G Y
Side mounting units employ permanent magnetic
force as the only link between the float and the
switching element. As the pivoted float follows
liquid level changes, it moves a magnetic sleeve
Œ
into or out of the field of a switch actuating
magnet

causing switch operation. A non-
magnetic barrier tube
Ž
effectively isolates the
switch mechanism from the controlled liquid.
2
3
1
Snap
switch
Pivot
Return
spring
Float
Pivot
Falling level
Rising level
A G E N C Y A P P R O V A L S
Œ
Dual stage units with “HS” switches are not ATEX approved

IEC Installation Instructions:
The cable entry and closing devices shall be Ex d certified suitable for the conditions of use and correctly installed.
For ambient temperatures above +55° C or for process temperatures above +150° C, suitable heat resistant cables shall be used.
Heat extensions (between process connection and housing) shall never be insulated.
Special conditions for safe use:
When the equipment is installed in process temperatures higher than +85° C the temperature classification must be reduced
according to the following table as per IEC60079-0.
Maximum Process
Temperature
Temperature
Classification
< 85° C
T6
< 100° C
T5
< 135° C
T4
< 200° C
T3
< 300° C
T2
< 450° C
T1
These units are in conformity with IECEx KEM 05.0020X
Classification Ex d
IIC T6
Tambient -40° to +70° C


Similar Part No. - T63-4H4R-JEE

ManufacturerPart #DatasheetDescription
logo
EPCOS
T63-C350X EPCOS-T63-C350X Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T63-C350XS EPCOS-T63-C350XS Datasheet
33Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T63-C600X EPCOS-T63-C600X Datasheet
23Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T63-C650X EPCOS-T63-C650X Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results

Similar Description - T63-4H4R-JEE

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
TE Connectivity Ltd
VS TEC-VS_V01 Datasheet
210Kb / 6P
   VERTICAL LIQUID LEVEL SWITCHES
logo
Sensortechnics GmbH
OLP25X0L3 SENSORTECHNICS-OLP25X0L3 Datasheet
70Kb / 4P
   Polysulphone optical liquid level switches
logo
Magnetrol International...
A15-1E2P-BKQ MAGNETROL-A15-1E2P-BKQ Datasheet
666Kb / 28P
   Displacer Type Liquid Level Switches
logo
Sensortechnics GmbH
OLT25X0L3 SENSORTECHNICS-OLT25X0L3 Datasheet
62Kb / 4P
   Trogamid optical liquid level switches
logo
Magnetrol International...
C29-1N30-JDG MAGNETROL-C29-1N30-JDG Datasheet
309Kb / 24P
   Float Actuated Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com