Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T63-4H4R-JEE Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # T63-4H4R-JEE
Description  Side Mounting Liquid Level Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T63-4H4R-JEE Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  T63-4H4R-JEE Datasheet HTML 1Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 2Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 3Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 4Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 5Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 6Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 7Page - Magnetrol International, Inc. T63-4H4R-JEE Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The tables below may be used to determine the
maximum
level
travel
(differential)
available
between “Switch on” and “Switch off” actuations
with mounting nozzles of different lengths. The
differentials given occur with the minimum tank
opening diameter listed for each model and are
applicable to standard controls.
Maximum Level Differential Available with Several Nozzle Lengths

Nozzle
Model T52 with 3.12"
Model T63 with 2.31"
Model T62 Threaded with 3.06" Model T62 Flanged with 2.88"
Length
Diameter Minimum Tank
Diameter Minimum Tank
Diameter Minimum Tank
Diameter Minimum Tank
(Dim. L)
Nozzle Opening

Nozzle Opening

Nozzle Opening
Ž
Nozzle Opening

Œ
Float Stem Length
Float Stem Length
Float Stem Length
Float Stem Length
8.00
12.00
18.00
26.00
8.00
12.00
18.00
26.00
8.00
12.00
18.00
26.00
8.00
12.00
18.00
26.00
2.00
4.75
7.00
10.25
14.50
2.62
5.00
7.38
10.50
5.81
8.12
11.56
16.12
3.50
5.12
7.50
10.75
4.00
4.00
5.62
8.12
11.62
1.88
3.50
5.25
7.50
4.38
6.12
8.69
12.19
3.25
4.75
7.00
10.00
6.00
4.25
6.25
8.88
2.75
4.12
5.88
1.50
4.69
6.69
9.31
3.75
5.38
7.75
8.00
3.50
5.12
7.25
2.38
3.38
4.88
3.81
5.44
7.56
3.00
4.50
6.25
10.00
2.88
4.25
6.00
2.00
2.88
4.12
3.19
4.56
6.38
2.50
3.75
5.38
12.00
——
3.62
5.12
——
2.50
3.50
——
3.94
5.44
——
3.25
4.62
Maximum Level Differential Available with Several Nozzle Lengths

Nozzle
Model T52 w/79 mm
Model T63 w/59 mm
Model T62 Threaded w/78 mm Model T62 Flanged w/73 mm
Length
Diameter Minimum Tank
Diameter Minimum Tank
Diameter Minimum Tank
Diameter Minimum Tank
(Dim. L)
Nozzle Opening

Nozzle Opening

Nozzle Opening
Ž
Nozzle Opening

Œ
Float Stem Length
Float Stem Length
Float Stem Length
Float Stem Length
203
305
457
660
203
305
457
660
203
305
457
660
203
305
457
660
51
121
178
260
368
67
127
187
267
148
206
294
409
89
130
191
273
102
102
143
206
295
48
89
133
191
111
155
221
310
83
121
178
254
152
108
159
226
70
105
149
38
119
170
236
95
137
197
203
89
130
184
60
86
124
97
138
192
76
114
159
254
73
108
152
51
73
105
81
116
162
64
95
137
305
——
92
130
——
64
89
——
100
138
——
83
117
Millimeters
Inches
Notes:
Œ
Nozzle length is dimension L from end of standard control body to opening in tank having minimum diameter listed for each model.

Minimum diameter given is I.D. of float switch body.
Ž
Minimum diameter given is I.D. of 3" schedule 40 pipe.

Minimum diameter given is I.D. of 3" schedule 80 pipe.

Consult factory for maximum differential available for models T57, T64, T67, and T68 .
Level
differential
Min.nozzleopening
Switchactuates
risinglevel
Switchactuates
fallinglevel
CLofcontrol
L
Conduit
outlet(ref.)
Float
L E V E L D I F F E R E N T I A L V S . M O U N T I N G N O Z Z L E L E N G T H
5


Similar Part No. - T63-4H4R-JEE

ManufacturerPart #DatasheetDescription
logo
EPCOS
T63-C350X EPCOS-T63-C350X Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T63-C350XS EPCOS-T63-C350XS Datasheet
33Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T63-C600X EPCOS-T63-C600X Datasheet
23Kb / 2P
   SURGE ARRESTER 3-electrode arrester
T63-C650X EPCOS-T63-C650X Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
More results

Similar Description - T63-4H4R-JEE

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
TE Connectivity Ltd
VS TEC-VS_V01 Datasheet
210Kb / 6P
   VERTICAL LIQUID LEVEL SWITCHES
logo
Sensortechnics GmbH
OLP25X0L3 SENSORTECHNICS-OLP25X0L3 Datasheet
70Kb / 4P
   Polysulphone optical liquid level switches
logo
Magnetrol International...
A15-1E2P-BKQ MAGNETROL-A15-1E2P-BKQ Datasheet
666Kb / 28P
   Displacer Type Liquid Level Switches
logo
Sensortechnics GmbH
OLT25X0L3 SENSORTECHNICS-OLT25X0L3 Datasheet
62Kb / 4P
   Trogamid optical liquid level switches
logo
Magnetrol International...
C29-1N30-JDG MAGNETROL-C29-1N30-JDG Datasheet
309Kb / 24P
   Float Actuated Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com