Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T3B Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  T3B Datasheet HTML 1Page - Magnetrol International, Inc. T3B Datasheet HTML 2Page - Magnetrol International, Inc. T3B Datasheet HTML 3Page - Magnetrol International, Inc. T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8.23*
(209)
4.39
(112)
3.35
(85)
E
D
F
G
¾" NPT
E
D
8.23*
(209)
4.39
(112)
3.35
(85)
F
G
¾" NPT
2" NPT
¾" NPT
C
D
F
G
8.29*
(211)
4.39
(112)
3.29
(84)
D I M E N S I O N A L
S P E C I F I C A T I O N S
I N C H E S
( M M )
3
2" NPT Narrow Differential Unit (T31, T35)
Interface Unit (T3B)
Flanged Narrow Differential Unit (T31, T32, T33, T34, T35)
Inches (mm)
* This dimension
applies to cast iron
housing. Subtract
0.31" for aluminum
housing.
Dimension
T31
T32
T33
T34
T35
T3B
T3C
B
3.75
(95)
7.5
(190)
12.25
(311)
C
8.66
(220)
7.86
(199)
D
3.59
(91)
3.36
(85)
3.58
(91)
3.59
(91)
3.33
(85)
6.78
(172)
13.62
(346)
18.54
(471)
24.76
(629)
E
8.72
(221)
8.02
(204)
7.50
(190)
7.97
(202)
7.92
(201)
17.62
(448)
12.86
(327
16.61
(422)
21.36
(543)
F
2.00
(51)
2.00
(51)
2.38
(60)
2.00
(51)
2.00
(51)
2.66
(68)
2.66
(68)
G
5.25
(133)
4.55
(116)
4.00
(102)
4.50
(114)
4.45
(113)
6.00
(152)
6.00
(152)
Maximum
Nozzle Length
3.29
(84)
3.35
(85)
3.35
(85)
3.35
(85)
3.29
(84)
5.80
(147)
4.35
(110)


Similar Description - T3B

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
   Tuffy Liquid Level Controls with Pneumatic Switch
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
   Tuffy짰 II Liquid Level Controls with Electric Switches
logo
Littelfuse
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
   Liquid Level Controls
2016 Rev: 1-A-062116
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
   Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
   Tuffy짰 Liquid Level Controls with Pneumatic Switch
logo
Littelfuse
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
   Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
   Open Board Liquid Level Controls
2016 Rev: 1-A-062716
logo
Magnetrol International...
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com