Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F33-1A2G-012 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # F33-1A2G-012
Description  Technical Reference Manual
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

F33-1A2G-012 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button F33-1A2G-012 Datasheet HTML 2Page - Magnetrol International, Inc. F33-1A2G-012 Datasheet HTML 3Page - Magnetrol International, Inc. F33-1A2G-012 Datasheet HTML 4Page - Magnetrol International, Inc. F33-1A2G-012 Datasheet HTML 5Page - Magnetrol International, Inc. F33-1A2G-012 Datasheet HTML 6Page - Magnetrol International, Inc. F33-1A2G-012 Datasheet HTML 7Page - Magnetrol International, Inc. F33-1A2G-012 Datasheet HTML 8Page - Magnetrol International, Inc. F33-1A2G-012 Datasheet HTML 9Page - Magnetrol International, Inc. F33-1A2G-012 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Process
Conn.
AB
C
D
Connection
Size
150#
300#
600#
900#
1500#
5000 psi
All
All
150#
300#
600#
900#
1500#
5000 psi
3
4"
2.03
2.31
2.31
NPT
1"
6.00
6.50
8.50
7.32
7.32
2.18
2.56
2.81
112"
2.22
2.63
2.94
2"
7.50
9.50
5.26
5.26
5.26
3
4"
2.31
2.31
2.31
SW
1"
6.00
6.50
8.50
7.32
7.32
2.28
2.56
2.81
112"
2.10
2.63
2.94
2"
7.50
8.12
5.07
5.07
5.07
3
4"
5.87
5.87
7.25
7.87
Slip-on Flg
1"
6.00
6.50
8.50
7.32
9.75
6.00
6.00
7.37
8.12
112"
6.12
6.50
8.00
9.75
2"
7.50
7.00
6.00
7.00
8.50
10.50
D I M E N S I O N A L
S P E C I F I C A T I O N S
S L I P - O N
F L A N G E D
C H A M B E R
D E S I G N
6
COMMERCIAL CONSTRUCTION, 2" CHAMBER (Models F21 and F25)
COMMERCIAL CONSTRUCTION, 3" CHAMBER (Models F31 and F35)
A
Measuring
Range
B
D
1" NPT drain
A
C
D
Measuring
Range
Slip-on flanged chamber
with side/bottom flanged connections
Slip-on flanged chamber
with side/bottom NPT or SW connections
Slip-on flanged chamber
with side/side connections
Process
Conn.
AB
C
D
Connection
Size
150#
300#
600#
900#
1500#
5000 psi
All
All
150#
300#
600#
900#
1500#
5000 psi
3
4"
2.69
2.87
2.87
NPT
1"
6.00
6.50
8.50
7.32
7.50
2.87
3.12
3.37
112"
2.94
3.19
3.50
2"
2.88
3.31
3.87
3
4"
2.97
2.87
2.87
SW
1"
6.00
6.50
8.50
7.32
7.50
3.00
3.12
3.37
112"
3.00
3.19
3.50
2"
3.10
3.31
3.87
3.87
3
4"
6.75
Slip-on Flg
1"
6.00
6.50
8.50
7.32
9.75
6.81
6.25
6.75
8.00
112"
7.00
2"
7.13
A
Measuring
Range
C
D


Similar Part No. - F33-1A2G-012

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F330 FOX-F330 Datasheet
102Kb / 2P
   HCMOS 3.2x2.5mm 3.3V SMD Oscillator
logo
Littelfuse
F3305 LITTELFUSE-F3305 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
F3305-ND LITTELFUSE-F3305-ND Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
F3306 LITTELFUSE-F3306 Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
F3306-ND LITTELFUSE-F3306-ND Datasheet
660Kb / 4P
   Fuse Blocks and Clips - For 3AG Fuses
More results

Similar Description - F33-1A2G-012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM940T ETC1-ARM940T Datasheet
2Mb / 230P
   TECHNICAL REFERENCE MANUAL
ARM926EJ-S ETC2-ARM926EJ-S Datasheet
1Mb / 236P
   Technical Reference Manual
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC Datasheet
1Mb / 118P
   Technical Reference Manual
ARM920T ATMEL-ARM920T_14 Datasheet
2Mb / 350P
   Technical Reference Manual
ARM7TDMI ATMEL-ARM7TDMI_14 Datasheet
1Mb / 284P
   Technical Reference Manual
logo
Cypress Semiconductor
CY8C20X34 CYPRESS-CY8C20X34 Datasheet
2Mb / 218P
   Technical Reference Manual (TRM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com