Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX2245 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74LCX2245
Description  LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74LCX2245 Datasheet(HTML) 1 Page - Motorola, Inc

  MC74LCX2245 Datasheet HTML 1Page - Motorola, Inc MC74LCX2245 Datasheet HTML 2Page - Motorola, Inc MC74LCX2245 Datasheet HTML 3Page - Motorola, Inc MC74LCX2245 Datasheet HTML 4Page - Motorola, Inc MC74LCX2245 Datasheet HTML 5Page - Motorola, Inc MC74LCX2245 Datasheet HTML 6Page - Motorola, Inc MC74LCX2245 Datasheet HTML 7Page - Motorola, Inc MC74LCX2245 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1997
1/97
Product Preview
Low-Voltage CMOS Octal
Transceiver
With 5V-Tolerant Inputs and Outputs
(3-State, Non-Inverting)
The MC74LCX2245 is a high performance, non–inverting octal
transceiver operating from a 2.7 to 3.6V supply. High impedance TTL
compatible inputs significantly reduce current loading to input drivers
while TTL compatible outputs offer improved switching noise
performance. A VI specification of 5.5V allows MC74LCX2245 inputs to
be safely driven from 5V devices. The MC74LCX2245 is designed to
reduce output overshoot and undershoot and is suitable for memory
address driving and all TTL level bus oriented transceiver applications;
especially those requiring the very quiet outputs.
Current drive capability is 12mA at both A and B ports. The
Transmit/Receive (T/R) input determines the direction of data flow
through the bi–directional transceiver. Transmit (active–HIGH) enables
data from A ports to B ports; Receive (active–LOW) enables data from B
to A ports. The Output Enable input, when HIGH, disables both A and B
ports by placing them in a HIGH Z condition.
Designed for 2.7 to 3.6V VCC Operation
5V Tolerant — Interface Capability With 5V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0V
LVTTL Compatible
LVCMOS Compatible
12mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10µA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500mA
ESD Performance: Human Body Model >2000V; Machine Model >200V
Figure 1. 20–Lead Pinout
(Top View)
19
20
18
17
16
15
14
2
1
34567
VCC
13
8
12
9
11
10
OE
B0
B1
B2
B3
B4
B5
B6
B7
T/R
A0
A1
A2
A3
A4
A5
A6
A7
GND
This document contains information on a product under development. Motorola reserves the right to change or
discontinue this product without notice.
DW SUFFIX
20–LEAD PLASTIC SOIC
CASE 751D–04
DT SUFFIX
20–LEAD PLASTIC TSSOP
CASE 948E–02
M SUFFIX
20–LEAD PLASTIC SOIC EIAJ
CASE 967–01
SD SUFFIX
20–LEADPLASTIC SSOP
CASE 940C–03
MC74LCX2245
LOW–VOLTAGE CMOS
OCTAL TRANSCEIVER
PIN NAMES
Function
Output Enable Input
Transmit/Receive Input
Side A 3–State Inputs or 3–State
Outputs
Side B 3–State Inputs or 3–State
Outputs
Pins
OE
T/R
A0–A7
B0–B7


Similar Part No. - MC74LCX2245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX240 MOTOROLA-MC74LCX240 Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
MC74LCX240 ONSEMI-MC74LCX240 Datasheet
252Kb / 8P
   Low-Voltage CMOS Octal Buffer
March, 2019 ??Rev. 11
logo
Motorola, Inc
MC74LCX240DT MOTOROLA-MC74LCX240DT Datasheet
154Kb / 8P
   LOW-VOLTAGE CMOS OCTAL BUFFER
logo
ON Semiconductor
MC74LCX240DT ONSEMI-MC74LCX240DT Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
More results

Similar Description - MC74LCX2245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX245DTG ONSEMI-MC74LCX245DTG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
MC74LCX245DWR2G ONSEMI-MC74LCX245DWR2G Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX245 MOTOROLA-MC74LCX245 Datasheet
157Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
MC74LVQ245 MOTOROLA-MC74LVQ245 Datasheet
210Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER
logo
ON Semiconductor
MC74LCX245MNTWG ONSEMI-MC74LCX245MNTWG Datasheet
146Kb / 9P
   Low-Voltage CMOS Octal Transceiver
October, 2012 ??Rev. 11
logo
Motorola, Inc
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
ON Semiconductor
MC74LCX646 ONSEMI-MC74LCX646 Datasheet
169Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
1996 REV 2
logo
Motorola, Inc
MC74LVQ646 MOTOROLA-MC74LVQ646 Datasheet
230Kb / 10P
   LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
   LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
MC74LCX2952 MOTOROLA-MC74LCX2952 Datasheet
182Kb / 10P
   LOW-VOLTAGE CMOS OCTAL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com