Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPA-5100-10 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # RPA-5100-10
Description  Hot Tap Retractable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

RPA-5100-10 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  RPA-5100-10 Datasheet HTML 1Page - Magnetrol International, Inc. RPA-5100-10 Datasheet HTML 2Page - Magnetrol International, Inc. RPA-5100-10 Datasheet HTML 3Page - Magnetrol International, Inc. RPA-5100-10 Datasheet HTML 4Page - Magnetrol International, Inc. RPA-5100-10 Datasheet HTML 5Page - Magnetrol International, Inc. RPA-5100-10 Datasheet HTML 6Page - Magnetrol International, Inc. RPA-5100-10 Datasheet HTML 7Page - Magnetrol International, Inc. RPA-5100-10 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
41-103 Hot Tap Retractable Probe Assembly
1
1.0
Description
The Retractable Probe Assembly can be used with
Magnetrol’s full line of insertion probes, including
Thermatel® thermal dispersion probes, Kotron® RF
capacitance probes, and Echotel® ultrasonic contact
transducers.
The Retractable Probe Assembly permits the probe or
transducer to be installed in or removed from the vessel
or pipe while the process is in operation. After initial
installation, it is not necessary to drain or depressurize the
tank or shut down the operation to install the instrument.
The Retractable Probe Assembly is made from 316 stain-
less steel with optional carbon steel or stainless steel flanges
and ball valves. Various designs permit operation up to
ANSI Class 300 pound service.
1.1
Features
• Permits insertion or removal of the probe or transducer
without shutting down the process or draining the tank.
• Suitable for use with stainless steel Thermatel probes,
Echotel probes, and Kotron probes with inactive sheath.
Probes must have a 34" process connection.
• NPT or flange mounted
• Optional ball valve
• Teflon® compression rings
• Stainless steel gland assembly with choice of carbon steel or
stainless steel process connections.
• Prevents unintentional removal of instrument.
• Standard pressure to 50 psig (80 psi for TA1/TA2 probes).
High pressure design optional to class 300 pound service.
• Temperatures to +400° F (+204° C)
1.2
Pressure-Temperature Chart
500
0
500
1000
Temperature
° F
0
100
200
300
400
150 lb. flange
Threaded or
300 lb. flange
100
200
300
400
600
700
800
900
HIGH PRESSURE DESIGN


Similar Part No. - RPA-5100-10

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPA-5A-1C-12-A ADAM-TECH-RPA-5A-1C-12-A Datasheet
89Kb / 1P
   POWER RELAY
More results

Similar Description - RPA-5100-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P122505-0 ETC2-BU-P122505-0 Datasheet
306Kb / 1P
   Retractable Banana Plug
logo
Pomona Electronics
5343 POMONA-5343 Datasheet
61Kb / 1P
   Retractable Sheath Banana To BNC Male
6366 POMONA-6366 Datasheet
51Kb / 1P
   Test Lead Set Probe To Retractable Sheath
logo
List of Unclassifed Man...
BU-2323-10-60-0 ETC2-BU-2323-10-60-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
logo
Pomona Electronics
72908 POMONA-72908 Datasheet
93Kb / 1P
   IEC Insulated BNC (M) to stackable/retractable
4911A POMONA-4911A Datasheet
329Kb / 2P
   Retractable Sheath Banana Plug Patch Cord
logo
List of Unclassifed Man...
BU-P4911A-12-0 ETC2-BU-P4911A-12-0 Datasheet
198Kb / 1P
   RETRACTABLE BANANA TEST LEAD, 18 AWG
logo
Tripp Lite. All Rights ...
N009-004-R TRIPPLITE-N009-004-R Datasheet
152Kb / 2P
   Cat5e Retractable Patch Cable, 4-ft.
logo
List of Unclassifed Man...
BU-2323-10-36-0 ETC2-BU-2323-10-36-0 Datasheet
374Kb / 1P
   Stackable, Retractable Banana Test Lead 10 AWG
logo
Pomona Electronics
5295 POMONA-5295 Datasheet
26Kb / 1P
   Low Voltage Retractable Sheath Banana Plug To Spade Lug
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com