Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

181RKI100PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 181RKI100PBF
Description  Phase Control Thyristors (Stud Version), 180 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

181RKI100PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  181RKI100PBF Datasheet HTML 1Page - Vishay Siliconix 181RKI100PBF Datasheet HTML 2Page - Vishay Siliconix 181RKI100PBF Datasheet HTML 3Page - Vishay Siliconix 181RKI100PBF Datasheet HTML 4Page - Vishay Siliconix 181RKI100PBF Datasheet HTML 5Page - Vishay Siliconix 181RKI100PBF Datasheet HTML 6Page - Vishay Siliconix 181RKI100PBF Datasheet HTML 7Page - Vishay Siliconix 181RKI100PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: indmodules@vishay.com
Document Number: 94382
6
Revision: 03-Nov-09
180RKI...PbF, 181RKI...PbF Series
Vishay High Power Products
Phase Control Thyristors
(Stud Version), 180 A
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
0.1
1
10
100
0.001
94382_09
Instantaneous Gate Current (A)
0.01
0.1
1
10
1000
100
Rectangular gate pulse
(a) Recommended load line for
rated dI/dt: 20 V, 30
Ω,
t
r ≤ 0.5 μs, tp ≥ 6 μs
(b) Recommended load line for
≤ 30 % rated dI/dt: 15 V, 40
Ω,
t
r ≤ 1 μs, tp ≥ 6 μs
(b)
(a)
V
GD
I
GD
(1) P
GM = 12 W, tp = 5 ms
(2) P
GM = 30 W, tp = 2 ms
(3) P
GM = 60 W, tp = 1 ms
(4) P
GM = 200 W, tp = 300 μs
(1)
(2)
(3)
(4)
Frequency limited by P
G(AV)
1
-IT(AV) rated average output current (rounded/10)
3
-
Thyristor
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
Device code
5
13
24
18
1
RKI
100 PbF
5
-
None = Standard production
PbF = Lead (Pb)-free
2
-
0 = Eyelet terminals (gate and auxiliary cathode leads)
1 = Fast-on terminals (gate and auxiliary cathode leads)
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95077


Similar Part No. - 181RKI100PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
181RKI100PBF VISHAY-181RKI100PBF Datasheet
134Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 11-Aug-08
More results

Similar Description - 181RKI100PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
180RKI40PBF VISHAY-180RKI40PBF Datasheet
134Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 11-Aug-08
180RKI40 VISHAY-180RKI40 Datasheet
187Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 05-Jun-08
VS-180RKIPBF VISHAY-VS-180RKIPBF Datasheet
181Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 26-Sep-17
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com