Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R95-510A-A30 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # R95-510A-A30
Description  Pulse Burst Radar Level Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R95-510A-A30 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button R95-510A-A30 Datasheet HTML 7Page - Magnetrol International, Inc. R95-510A-A30 Datasheet HTML 8Page - Magnetrol International, Inc. R95-510A-A30 Datasheet HTML 9Page - Magnetrol International, Inc. R95-510A-A30 Datasheet HTML 10Page - Magnetrol International, Inc. R95-510A-A30 Datasheet HTML 11Page - Magnetrol International, Inc. R95-510A-A30 Datasheet HTML 12Page - Magnetrol International, Inc. R95-510A-A30 Datasheet HTML 13Page - Magnetrol International, Inc. R95-510A-A30 Datasheet HTML 14Page - Magnetrol International, Inc. R95-510A-A30 Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Reference Conditions
Reflection from ideal reflector at +70° F (+20° C)
Linearity
±0.4 inch (1 cm) or 0.1% of tank height (whichever is greater)
Measured Error
±0.4 inch (1 cm) or 0.1% of tank height (whichever is greater)
(Performance will degrade slightly within 60" (1.5 m) of antenna)
Resolution
0.1 inch (2.5 mm)
Repeatability
±0.2 inch (5 mm) or 0.05% of tank height (whichever is greater)
Response Time
< 1 second
Warm-up Time
30 seconds
Operating Temperature Range
-40° to +175° F (-40° to +80° C) / ATEX EEx d -40° to +160° F (-40° to +70° C)
LCD Operating Temperature Range
-5° to +160° F (-20° to +70° C)
Ambient Temperature Effect
Temperature effect 0.05% per 10° C
Process Dielectric Effect
< 0.3 inch within selected range
Maximum Rate of Change
180 inches (450 cm)/minute
P E R F O R M A N C E
A N T E N N A
S P E C I F I C A T I O N S
F U N C T I O N A L / P H Y S I C A L
T E M P E R A T U R E / P R E S S U R E
C H A R T
11
-50
(-46)
0
(-18)
0
100 (7)
200 (14)
300 (21)
400 (28)
500 (34)
600 (41)
700 (48)
800 (55)
50
(10)
100
(38)
150
(66)
200
(93)
250
(121)
300
(149)
350
(177)
400
(204)
450
(232)
Temperature
° F (° C)
Polypropylene Rod
PTFE Rod & Horn
All-Polypropylene Flanged
All-Polypropylene Threaded and
Flanged ASME B31.1 & B31.3
All-Halar Threaded and
Flanged ASME B31.1 & B31.3
All-Halar Flanged
Model
Dielectric Rod
TFE
Dielectric Rod
Polypropylene
Dielectric Rod
All-Halar
® Antenna
3", 4", and 6" Horn
Materials
316 SS (Hastelloy® C,
Monel® and Kynar® opt.),
TFE, Viton® O-rings
316 SS, Polypropylene,
Viton® O-rings
All-Halar, Viton® O-rings
316 SS (Hastelloy C
and Monel opt.), TFE,
Viton® O-rings
Process Connection
112" NPT and BSP, ANSI
or DIN flanges
112" NPT and BSP, ANSI
or DIN flanges
112” NPT, BSP, ANSI, or
DIN Flanges
6" ANSI or DIN flanges
Maximum Process
Temperature
+400° F @ 50 psig
(+204° C @ 3.5 bar)
+200° F @ 50 psig
(+93° C @ 3.5 bar)
+300° F @ atmos
(+150° C @ atmos)
+400° F @ 50 psig
(+204° C @ 3.5 bar)
Maximum Process
Pressure
-14.7 to
675 psig @ +70° F
(-1.0 to 46.5 bar @ +20° C)
-14.7 to
750 psig @ +70° F
(-1.0 to 51.7 bar @ +20° C)
-14.7 to
50 psig @ +70° F
(-1.0 to 3.5 bar @ +20° C)
-14.7 to
675 psig @ +70° F
(-1.0 to 46.5 bar @ +20° C)
Minimum Dielectric
(application dependent)
2.0
2.0
2.0
1.7
ΠAll-polypropylene construction optional (see chart below for ratings)
Œ


Similar Part No. - R95-510A-A30

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
More results

Similar Description - R95-510A-A30

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R82-510A-011 MAGNETROL-R82-510A-011 Datasheet
1Mb / 12P
   Model R82 Pulse Burst Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
   GuidedWave Radar Level Transmitter
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
   GuidedWave Radar Level Transmitter
logo
TEMEX
DSH01 TEMEX-DSH01 Datasheet
1,001Kb / 8P
   Pulse compression RADAR RF pulse expander FMCW RADAR
logo
Magnetrol International...
704-5010-131 MAGNETROL-704-5010-131 Datasheet
484Kb / 12P
   Horizon??Model 704 Guided Wave Radar Level Transmitter
705-5100-111 MAGNETROL-705-5100-111 Datasheet
1Mb / 28P
   Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
logo
Schneider Electric
LR65 SCHNEIDER-LR65 Datasheet
91Kb / 2P
   Non-contact radar level transmitter for powders and dusty atmospheres
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
   Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com