Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

115CNQ015ASM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 115CNQ015ASM
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

115CNQ015ASM Datasheet(HTML) 1 Page - Vishay Siliconix

  115CNQ015ASM Datasheet HTML 1Page - Vishay Siliconix 115CNQ015ASM Datasheet HTML 2Page - Vishay Siliconix 115CNQ015ASM Datasheet HTML 3Page - Vishay Siliconix 115CNQ015ASM Datasheet HTML 4Page - Vishay Siliconix 115CNQ015ASM Datasheet HTML 5Page - Vishay Siliconix 115CNQ015ASM Datasheet HTML 6Page - Vishay Siliconix 115CNQ015ASM Datasheet HTML 7Page - Vishay Siliconix 115CNQ015ASM Datasheet HTML 8Page - Vishay Siliconix 115CNQ015ASM Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94126
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 16-Apr-10
1
Schottky Rectifier
New Generation 3 D-61 Package, 2 x 55 A
VS-115CNQ015A PbF Series
Vishay High Power Products
FEATURES
• 125 °C TJ operation (VR < 5 V)
• Center tap module
• Optimized for OR-ing applications
• Ultralow forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• New fully transfer-mold low profile, small footprint, high
current package
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
DESCRIPTION
The center tap Schottky rectifier module has been optimized
for ultra low forward voltage drop specifically for the
OR-ing of parallel power supplies. The proprietary barrier
technology allows for reliable operation up to 125 °C
junction temperature. Typical applications are in parallel
switching power supplies, converters, reverse battery
protection, and redundant power subsystems.
PRODUCT SUMMARY
IF(AV)
2 x 55 A
VR at TJ = 100 °C
15 V
Base
common
cathode
Base
common
cathode
Common
cathode
Anode
2
Anode
1
12
3
Common
cathode
Anode
2
Anode
1
12
3
Anode
2
Anode
1
1
3
D-61-8
VS-115CNQ015APbF
VS-115CNQ015ASMPbF
D-61-8-SM
VS-115CNQ015ASLPbF
D-61-8-SL
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
110
A
VRRM
15
V
IFSM
tp = 5 μs sine
5050
A
VF
55 Apk, TJ = 75 °C (per leg)
0.33
V
TJ
Range
- 55 to 125
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VS-115CNQ015APbF
UNITS
Maximum DC reverse voltage
VR
TJ = 100 °C
15
V
Maximum working peak reverse voltage
VRWM
TJ = 125 °C
5
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 115CNQ015ASM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
115CNQ015ASM IRF-115CNQ015ASM Datasheet
192Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
115CNQ015ASM VISHAY-115CNQ015ASM Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
More results

Similar Description - 115CNQ015ASM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-112CNQ030A VISHAY-VS-112CNQ030A Datasheet
167Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
113CNQ100APBF VISHAY-113CNQ100APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
111CNQ045A VISHAY-111CNQ045A Datasheet
114Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
112CNQ030APBF VISHAY-112CNQ030APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
115CNQ015A VISHAY-115CNQ015A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
111CNQ045APBF VISHAY-111CNQ045APBF Datasheet
576Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
113CNQ100A VISHAY-113CNQ100A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
VS-113CNQ100A VISHAY-VS-113CNQ100A Datasheet
167Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
110CNQ045APBF VISHAY-110CNQ045APBF Datasheet
163Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
VS-111CNQ045A VISHAY-VS-111CNQ045A Datasheet
584Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com