Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

115CNQ015APBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 115CNQ015APBF
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

115CNQ015APBF Datasheet(HTML) 2 Page - Vishay Siliconix

  115CNQ015APBF Datasheet HTML 1Page - Vishay Siliconix 115CNQ015APBF Datasheet HTML 2Page - Vishay Siliconix 115CNQ015APBF Datasheet HTML 3Page - Vishay Siliconix 115CNQ015APBF Datasheet HTML 4Page - Vishay Siliconix 115CNQ015APBF Datasheet HTML 5Page - Vishay Siliconix 115CNQ015APBF Datasheet HTML 6Page - Vishay Siliconix 115CNQ015APBF Datasheet HTML 7Page - Vishay Siliconix 115CNQ015APBF Datasheet HTML 8Page - Vishay Siliconix 115CNQ015APBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94126
2
Revision: 16-Apr-10
VS-115CNQ015A PbF Series
Vishay High Power Products
Schottky Rectifier
New Generation 3 D-61 Package, 2 x 55 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 112 °C, rectangular waveform
55
A
per device
110
Maximum peak one cycle
non-repetitive surge current per leg
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated
load condition and
with rated VRRM
5050
A
10 ms sine or 6 ms rect. pulse
830
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 2 A, L = 4.5 mH
54
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 3 x VR typical
2A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
55 A
TJ = 25 °C
0.37
V
110 A
0.46
55 A
TJ = 75 °C
0.33
110 A
0.43
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
20
mA
TJ = 100 °C
1200
TJ = 100 °C
VR = 12 V
900
TJ = 100 °C
VR = 5 V
540
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
5500
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
5.5
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction temperature range
TJ
- 55 to 125
°C
Maximum storage temperature range
TStg
- 55 to 150
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
See fig. 4
0.5
°C/W
Maximum thermal resistance,
junction to case per package
DC operation
0.25
Typical thermal resistance,
case to heatsink (D-61-8 only)
RthCS
Mounting surface, smooth and greased
Device flatness < 5 mils
0.30
Approximate weight
7.8
g
0.28
oz.
Mounting torque
(D-61-8 only)
minimum
40 (35)
kgf · cm
(lbf · in)
maximum
58 (50)
Marking device
Case style D-61
115CNQ015A
Case style D-61-8-SM
115CNQ015ASM
Case style D-61-8-SL
115CNQ015ASL


Similar Part No. - 115CNQ015APBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
115CNQ015A IRF-115CNQ015A Datasheet
192Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
115CNQ015A VISHAY-115CNQ015A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
logo
International Rectifier
115CNQ015ASL IRF-115CNQ015ASL Datasheet
192Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
115CNQ015ASL VISHAY-115CNQ015ASL Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
logo
International Rectifier
115CNQ015ASM IRF-115CNQ015ASM Datasheet
192Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - 115CNQ015APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-112CNQ030A VISHAY-VS-112CNQ030A Datasheet
167Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
113CNQ100APBF VISHAY-113CNQ100APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
111CNQ045A VISHAY-111CNQ045A Datasheet
114Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
112CNQ030APBF VISHAY-112CNQ030APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
115CNQ015A VISHAY-115CNQ015A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
111CNQ045APBF VISHAY-111CNQ045APBF Datasheet
576Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
113CNQ100A VISHAY-113CNQ100A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
VS-113CNQ100A VISHAY-VS-113CNQ100A Datasheet
167Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
110CNQ045APBF VISHAY-110CNQ045APBF Datasheet
163Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
VS-111CNQ045A VISHAY-VS-111CNQ045A Datasheet
584Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com