Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

112CNQ030A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 112CNQ030A
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

112CNQ030A Datasheet(HTML) 1 Page - Vishay Siliconix

  112CNQ030A Datasheet HTML 1Page - Vishay Siliconix 112CNQ030A Datasheet HTML 2Page - Vishay Siliconix 112CNQ030A Datasheet HTML 3Page - Vishay Siliconix 112CNQ030A Datasheet HTML 4Page - Vishay Siliconix 112CNQ030A Datasheet HTML 5Page - Vishay Siliconix 112CNQ030A Datasheet HTML 6Page - Vishay Siliconix 112CNQ030A Datasheet HTML 7Page - Vishay Siliconix 112CNQ030A Datasheet HTML 8Page - Vishay Siliconix 112CNQ030A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94124
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 16-Apr-10
1
Schottky Rectifier
New Generation 3 D-61 Package, 2 x 55 A
VS-112CNQ030A PbF Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Center tap module
• Very low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• New fully transfer-mold low profile, small footprint, high
current package
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
DESCRIPTION
The center tap Schottky rectifier module has been optimized
for
very
low
forward
voltage
drop,
with
moderate
leakage. The proprietary barrier technology allows for
reliable operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 55 A
VR
30 V
Base
common
cathode
Base
common
cathode
Common
cathode
Anode
2
Anode
1
12
3
Common
cathode
Anode
2
Anode
1
12
3
Anode
2
Anode
1
1
3
D-61-8
VS-112CNQ030APbF
VS-112CNQ030ASMPbF
D-61-8-SM
VS-112CNQ030ASLPbF
D-61-8-SL
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
110
A
VRRM
30
V
IFSM
tp = 5 μs sine
5100
A
VF
55 Apk, TJ = 125 °C (per leg)
0.39
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-112CNQ030APbF
UNITS
Maximum DC reverse voltage
VR
30
V
Maximum working peak reverse voltage
VRWM
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 112CNQ030A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
112CNQ030A IRF-112CNQ030A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
112CNQ030A VISHAY-112CNQ030A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
logo
International Rectifier
112CNQ030APBF IRF-112CNQ030APBF Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
112CNQ030ASL VISHAY-112CNQ030ASL Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
112CNQ030ASM VISHAY-112CNQ030ASM Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
More results

Similar Description - 112CNQ030A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-112CNQ030A VISHAY-VS-112CNQ030A Datasheet
167Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
113CNQ100APBF VISHAY-113CNQ100APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
111CNQ045A VISHAY-111CNQ045A Datasheet
114Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
115CNQ015A VISHAY-115CNQ015A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
111CNQ045APBF VISHAY-111CNQ045APBF Datasheet
576Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
115CNQ015APBF VISHAY-115CNQ015APBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
113CNQ100A VISHAY-113CNQ100A Datasheet
115Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Aug-08
VS-113CNQ100A VISHAY-VS-113CNQ100A Datasheet
167Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
110CNQ045APBF VISHAY-110CNQ045APBF Datasheet
163Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
VS-111CNQ045A VISHAY-VS-111CNQ045A Datasheet
584Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com