Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM16W08 Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM16W08
Description  64Kb Wide Voltage Bytewide F-RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM16W08 Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM16W08 Datasheet HTML 1Page - Ramtron International Corporation FM16W08 Datasheet HTML 2Page - Ramtron International Corporation FM16W08 Datasheet HTML 3Page - Ramtron International Corporation FM16W08 Datasheet HTML 4Page - Ramtron International Corporation FM16W08 Datasheet HTML 5Page - Ramtron International Corporation FM16W08 Datasheet HTML 6Page - Ramtron International Corporation FM16W08 Datasheet HTML 7Page - Ramtron International Corporation FM16W08 Datasheet HTML 8Page - Ramtron International Corporation FM16W08 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FM16W08
Rev. 1.2
Mar. 2011
Page 2 of 11
Address
Latch &
Decoder
A0-A12
CE
Control
Logic
WE
A0-A12
I/O Latch
Bus Driver
OE
8,192 x 8 FRAM Array
DQ0-7
Figure 1. Block Diagram
Pin Description
Pin Name
Type
Description
A(12:0)
Input
Address: The 13 address lines select one of 8,192 bytes in the F-RAM array. The
address value is latched on the falling edge of /CE.
DQ(7:0)
I/O
Data: 8-bit bi-directional data bus for accessing the F-RAM array.
/CE
Input
Chip Enable: /CE selects the device when low. Asserting /CE low causes the
address to be latched internally. Address changes that occur after /CE goes low
will be ignored until the next falling edge occurs.
/OE
Input
Output Enable: Asserting /OE low causes the FM16W08 to drive the data bus
when valid data is available. Deasserting /OE high causes the DQ pins to be tri-
stated.
/WE
Input
Write Enable: Asserting /WE low causes the FM16W08 to write the contents of
the data bus to the address location latched by the falling edge of /CE.
VDD
Supply
Supply Voltage
VSS
Supply
Ground
Functional Truth Table
/CE
/WE
Function
H
X
Standby/Precharge
X
Latch Address (and Begin Write if /WE=low)
L
H
Read
L
Write
Note: The /OE pin controls only the DQ output buffers.


Similar Part No. - FM16W08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM16W08-SGTR CYPRESS-FM16W08-SGTR Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
More results

Similar Description - FM16W08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com