Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81CNQ040APBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 81CNQ040APBF
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

81CNQ040APBF Datasheet(HTML) 3 Page - Vishay Siliconix

  81CNQ040APBF Datasheet HTML 1Page - Vishay Siliconix 81CNQ040APBF Datasheet HTML 2Page - Vishay Siliconix 81CNQ040APBF Datasheet HTML 3Page - Vishay Siliconix 81CNQ040APBF Datasheet HTML 4Page - Vishay Siliconix 81CNQ040APBF Datasheet HTML 5Page - Vishay Siliconix 81CNQ040APBF Datasheet HTML 6Page - Vishay Siliconix 81CNQ040APBF Datasheet HTML 7Page - Vishay Siliconix 81CNQ040APBF Datasheet HTML 8Page - Vishay Siliconix 81CNQ040APBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 94595
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 16-Apr-10
3
VS-81CNQ...A PbF Series
Schottky Rectifier
New Generation 3 D-61 Package, 2 x 40 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
(Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
ForwardVoltageDrop-V
FM
(V)
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
T = 175°C
T = 125°C
T = 25°C
J
J
J
ReverseVoltage-V
R
(V)
0.001
0.01
0.1
1
10
100
1000
0
5
10 15 20 25 30 35 40 45
150°C
125°C
100°C
75°C
50°C
25°C
Tj = 175°C
ReverseVoltage-V
R
(V)
100
1000
10000
0
10203040
50
T = 25°C
J
t
1
,RectangularPulseDuration(Seconds)
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
2
t
1
t
P
DM


Similar Part No. - 81CNQ040APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
81CNQ040APBF VISHAY-81CNQ040APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
More results

Similar Description - 81CNQ040APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
81CNQ035APBF VISHAY-81CNQ035APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
88CNQ060A VISHAY-88CNQ060A Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
82CNQ030A VISHAY-82CNQ030A Datasheet
122Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
80CNQ035APBF VISHAY-80CNQ035APBF_10 Datasheet
161Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF Datasheet
107Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 13-Aug-08
87CNQ020A VISHAY-87CNQ020A Datasheet
131Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
87CNQ020APBF VISHAY-87CNQ020APBF Datasheet
117Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Sep-08
VS-83CNQ VISHAY-VS-83CNQ Datasheet
164Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF_10 Datasheet
158Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com