Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81RIA80PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 81RIA80PBF
Description  Phase Control Thyristors (Stud Version), 80 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

81RIA80PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  81RIA80PBF Datasheet HTML 1Page - Vishay Siliconix 81RIA80PBF Datasheet HTML 2Page - Vishay Siliconix 81RIA80PBF Datasheet HTML 3Page - Vishay Siliconix 81RIA80PBF Datasheet HTML 4Page - Vishay Siliconix 81RIA80PBF Datasheet HTML 5Page - Vishay Siliconix 81RIA80PBF Datasheet HTML 6Page - Vishay Siliconix 81RIA80PBF Datasheet HTML 7Page - Vishay Siliconix 81RIA80PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94392
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 17-Sep-10
80RIA...PbF, 81RIA...PbF, 82RIA...PbF Series
Vishay Semiconductors
Phase Control Thyristors
(Stud Version), 80 A
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
R
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.042
0.030
TJ = TJ maximum
K/W
120°
0.050
0.052
90°
0.064
0.070
60°
0.095
0.100
30°
0.164
0.165
80
90
100
110
120
130
0
1020
3040
50
6070
80
90
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Angle
80RIA Series
R
(DC) = 0.30 K/W
thJC
70
80
90
100
110
120
130
020
40
60
80
100
120
140
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Period
80RIA Series
R
(DC) = 0.30 K/W
thJC
025
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
1
K/W
2 K/
W
5 K/W
3 K/ W
1.4
K/ W
0
10
20
30
40
50
60
70
80
90
100
110
120
0
10
20
30
40
50
60
70
80
180°
120°
90°
60°
30°
RMSLimit
Cond uction Angle
Average On-state Current (A)
80RIA Series
T = 125°C
J


Similar Part No. - 81RIA80PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
81RIA80PBF VISHAY-81RIA80PBF Datasheet
139Kb / 7P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 11-Aug-08
More results

Similar Description - 81RIA80PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82RIA120 VISHAY-82RIA120 Datasheet
159Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
VS-80RIAPBF VISHAY-VS-80RIAPBF Datasheet
187Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 27-Sep-17
VS-80RIAPBF VISHAY-VS-80RIAPBF_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
01-Jan-2022
80RIA40PBF VISHAY-80RIA40PBF Datasheet
139Kb / 7P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com