Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1255 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB1255
Description  Silicon PNP Darlington Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1255 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB1255 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1255 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB1255 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Darlington Power Transistors
2SB1255
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO
Collector-emitter voltage
IC=-30mA ; IB=0
-140
V
VCEsat
Collector-emitter saturation voltage
IC=-7A ;IB=-7mA
-2.5
V
VBEsat
Base-emitter saturation voltage
IC=-7A ;IB=-7mA
-3.0
V
ICBO
Collector cut-off current
VCB=-160V; IE=0
-100
μA
ICEO
Collector cut-off current
VCE=-140V; IB=0
-100
μA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-100
μA
hFE-1
DC current gain
IC=-1A ; VCE=-5V
2000
hFE -2
DC current gain
IC=-7A ; VCE=-5V
5000
30000
fT
Transition frequency
IC=0.5A ; VCE=-10V;f=1MHz
20
MHz
Switching times
ton
Turn-on time
1.0
μs
tstg
Storage time
1.5
μs
tf
Fall time
IC=-7A; VCC=-50V
IB1=-IB2=-7mA
1.2
μs
hFE-2 classifications
Q
P
5000-15000
8000-30000


Similar Part No. - 2SB1255

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1255 PANASONIC-2SB1255 Datasheet
74Kb / 3P
   Silicon PNP epitaxial planar type Darlington(For power amplification)
logo
Savantic, Inc.
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1255 JMNIC-2SB1255 Datasheet
168Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1255 SAVANTIC-2SB1255 Datasheet
124Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1255 NJSEMI-2SB1255 Datasheet
134Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - 2SB1255

ManufacturerPart #DatasheetDescription
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
   PNP SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
   DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
Quanzhou Jinmei Electro...
2SB1625 JMNIC-2SB1625_15 Datasheet
169Kb / 3P
   Silicon PNP Darlington Power Transistors
2SB1626 JMNIC-2SB1626_15 Datasheet
160Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1559 SAVANTIC-2SB1559 Datasheet
173Kb / 4P
   Silicon PNP Darlington Power Transistors
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
New Jersey Semi-Conduct...
BDT60F NJSEMI-BDT60F Datasheet
131Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
   Silicon PNP Darlington Power Transistors
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
   Silicon PNP Darlington Power Transistors
2SB1625 ISC-2SB1625 Datasheet
142Kb / 3P
   Silicon PNP Darlington Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com