Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3A-JA3A-H11 Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # E3A-JA3A-H11
Description  Digital E3 Modulevel Liquid Level Displacer Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

E3A-JA3A-H11 Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button E3A-JA3A-H11 Datasheet HTML 4Page - Magnetrol International, Inc. E3A-JA3A-H11 Datasheet HTML 5Page - Magnetrol International, Inc. E3A-JA3A-H11 Datasheet HTML 6Page - Magnetrol International, Inc. E3A-JA3A-H11 Datasheet HTML 7Page - Magnetrol International, Inc. E3A-JA3A-H11 Datasheet HTML 8Page - Magnetrol International, Inc. E3A-JA3A-H11 Datasheet HTML 9Page - Magnetrol International, Inc. E3A-JA3A-H11 Datasheet HTML 10Page - Magnetrol International, Inc. E3A-JA3A-H11 Datasheet HTML 11Page - Magnetrol International, Inc. E3A-JA3A-H11 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
S T E A M
S E R V I C E
M O D E L
N U M B E R
TRANSMITTER – ELECTRONICS (see opposite page)
E3
ANSI Flange rating
150# RF
300# RF
600# RF
900# RF
1500# RF
 2500# RF Ž
3
4
5
6
7
8
CHAMBER PRESSURE CLASS
E 3
Standard Construction Electronic Modulevel
External Cage
Top Mount
Type
1
1
2"
2"
3"
4"
6"
A
E
n/a
n/a
n/a
NPT
R
F
n/a
n/a
n/a
SW
P
Q
G
H
K
Flange
All Pressures
600# and below
14
32
48
60
72
84
96
108
120
Inches
356
813
1219
1524
1829
2134
2438
2743
3048
mm
A
B
C
D
E
F
G
H
I
Code
DESIGN TYPE
PROCESS CONNECTION SIZE & TYPE
LEVEL RANGE
Ž Pressure rating limited by enclosing tube to 5150 psi @ +100° F
 For stainless steel construction on 1500# and 2500# models, consult factory
Integral
or
Remote
Integral
Remote
Integral
or
Remote
Integral
Remote Transmitter Mounting
1 & 4
2
5
2 & 5
3
6
Use with Mounting/Temp. codes (9th Digit)
+300° F
(+150° C
+400° F
(+200° C)
+400° F
(+200° C)
+450° F
(+230° C)
+500° F
(+260° C)
+500° F
(+260° C)
maximum process temperature
K
B
K
N
E
N
0.55 - 1.09 specific gravity (all pressures)
SPECIFIC GRAVITY AND PROCESS TEMPERATURE
MOUNTING AND CHAMBER MATERIALS
Flanged top
Œ
Cage side/bottom
Cage side/side
steel
316 SS
steel
316 SS
 steel 316 SS 
A
B
C
D
E
F
ΠAdjustable 8-foot hanger cable, part number 32-3110-001, required when
distance from flange face to top of displacer must be greater than 7.31".
 Bolting material is alloy steel.


Similar Part No. - E3A-JA3A-H11

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
E3A-JA3A-F11 MAGNETROL-E3A-JA3A-F11 Datasheet
2Mb / 60P
   Liquid Level Displacer Transmitter
More results

Similar Description - E3A-JA3A-H11

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
E3A-MA3A-H11 MAGNETROL-E3A-MA3A-H11 Datasheet
1Mb / 48P
   Digital E3 Modulevel with HART짰 and PACTware??Communications Liquid Level Displacer Transmitter
E3A-JA3A-F11 MAGNETROL-E3A-JA3A-F11 Datasheet
2Mb / 60P
   Liquid Level Displacer Transmitter
A15-1E2P-BKQ MAGNETROL-A15-1E2P-BKQ Datasheet
666Kb / 28P
   Displacer Type Liquid Level Switches
B74-1B20-BKQ MAGNETROL-B74-1B20-BKQ Datasheet
418Kb / 16P
   External Cage Displacer Actuated Liquid Level Switches
logo
Fuji Electric
EDS7-3I FUJI-EDS7-3I Datasheet
103Kb / 4P
   LIQUID LEVEL TRANSMITTER (FLOAT TYPE)
EDS7-52A FUJI-EDS7-52A Datasheet
264Kb / 6P
   OPTICAL FLANGE TYPE LIQUID LEVEL TRANSMITTER
EDS7-101A FUJI-EDS7-101A Datasheet
159Kb / 6P
   FC SERIES LIQUID LEVEL TRANSMITTER (FLANGE TYPE)
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
   LEVEL TRANSMITTER
EDSX7-60J FUJI-EDSX7-60J Datasheet
166Kb / 12P
   LEVEL TRANSMITTER
logo
Magnetrol International...
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com