Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW1N60L Datasheet(PDF) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW1N60L
Description  N-channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW1N60L Datasheet(HTML) 5 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW1N60L Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60L Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60L Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60L Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60L Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60L Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW1N60L Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
V
DS
Same type
as DUT
DUT
V
GS
1mA
Q
G
Q
GS
Q
GD
V
GS
Charge
V
DD
DUT
V
DS
R
L
R
G
10V
IN
10%
V
DS
V
IN
90%
10%
t
d(on)
t
r
t
ON
t
d(off)
t
OFF
t
f
V
DD
DUT
V
DS
L
R
G
10V
IN
I
AS
t
p
time
I
D(t)
BV
DSS
I
AS
V
DS(t)
EAS =
L X I
AS
2 X
BV
DSS - VDD
BV
DSS
2
1
Fig. 12. Gate charge test circuit & waveform
Fig. 13. Switching time test circuit & waveform
Fig. 14. Unclamped Inductive switching test circuit & waveform
SW1N60L
SAMWIN
5/7


Similar Part No. - SW1N60L

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N60 SEMIPOWER-SW1N60 Datasheet
737Kb / 7P
   N-channel MOSFET
logo
VBsemi Electronics Co.,...
SW1N60 VBSEMI-SW1N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Xian Semipower Electron...
SW1N60A SEMIPOWER-SW1N60A Datasheet
719Kb / 7P
   N-channel MOSFET
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
   N-channel D-PAK/I-PAK/TO-92 MOSFET
SW1N60D SEMIPOWER-SW1N60D Datasheet
663Kb / 6P
   N-channel I-PAK/TO-92 MOSFET
More results

Similar Description - SW1N60L

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com