Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB703 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB703
Description  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB703 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB703 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB703 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SB703
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -10mA; IB= 0
-80
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -1mA; IE= 0
-80
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -1mA; IC= 0
-5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -3A; IB= -0.3A
B
-2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -3A; IB= -0.3A
B
-2.0
V
ICBO
Collector Cutoff Current
VCB= -80V; IE= 0
-10
μA
IEBO
Emitter Cutoff Current
VEB= -3V; IC= 0
-10
μA
hFE-1
DC Current Gain
IC= -20mA; VCE= -5V
30
hFE-2
DC Current Gain
IC= -0.5A; VCE= -5V
40
200
fT
Current-Gain—Bandwidth Product
IC= -0.1A; VCE= -5V; ftest= 1.0MHz
10
MHz
hFE-2 Classifications
S
R
Q
40-80
60-120
100-200
isc Website:www.iscsemi.cn
2


Similar Part No. - 2SB703

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB703 MOSPEC-2SB703 Datasheet
174Kb / 4P
   POWER TRANSISTORS(4.0A,40W)
logo
Savantic, Inc.
2SB703 SAVANTIC-2SB703 Datasheet
95Kb / 3P
   Silicon PNP Power Transistors
2SB703 SAVANTIC-2SB703 Datasheet
96Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB703 NJSEMI-2SB703 Datasheet
68Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - 2SB703

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com