Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B35-PS56-KOH Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # B35-PS56-KOH
Description  Liquid Level Switches ASME B31.1, ASME B31.3 and NACE Construction
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B35-PS56-KOH Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  B35-PS56-KOH Datasheet HTML 1Page - Magnetrol International, Inc. B35-PS56-KOH Datasheet HTML 2Page - Magnetrol International, Inc. B35-PS56-KOH Datasheet HTML 3Page - Magnetrol International, Inc. B35-PS56-KOH Datasheet HTML 4Page - Magnetrol International, Inc. B35-PS56-KOH Datasheet HTML 5Page - Magnetrol International, Inc. B35-PS56-KOH Datasheet HTML 6Page - Magnetrol International, Inc. B35-PS56-KOH Datasheet HTML 7Page - Magnetrol International, Inc. B35-PS56-KOH Datasheet HTML 8Page - Magnetrol International, Inc. B35-PS56-KOH Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
F E A T U R E S
NACE MR0175/MR0103 construction available for
flanged cage models
14-inch (356 mm) side/side process connections
available as standard
Choice of sealed or flanged float chamber design
Service pressures up to 1680 psig (115.8 bar) for
ASME B31.1 and 2240 psig (154.4 bar) for ASME
B31.3 & NACE
Process temperatures up to +1000° F (+538° C)
Specific gravity ratings as low as 0.33
Choice of TYPE 4X/7/9, Group B, C & D or
EEx d IIC T6 housings
Agency approvals include FM, CSA, ATEX
and SAA
ASME B31.1, B31.3 or NACE Certificate of
Conformance supplied
ASME B31.1 model with Cr-Mo chamber
Choice of available switch styles, including dry
contact, hermetically sealed, pneumatic bleed and
non-bleed
Choice of single or multiple switches for single or
staged applications
1", 1
12" or 2" tank connections available in either
NPT, socket weld, flanged side/side or flanged
side/bottom configuration
Special materials of construction available upon
request
Available with special coatings including Epoxy,
Carbo Zinc® 11 Primer and Carboline Top Coat,
Dimetcote® and Amercoat®
Optional high or low temperature insulation available
D E S C R I P T I O N
Series 3 float-actuated level switches meet ASME B31.1
or ASME B31.3 requirements. They are designed to
p r o v i d e c r i t i c a l a l a r m s e t p o i n t s i n c l e a n l i q u i d
applications.
B3F Flanged Cage
Level Switch
B35 Sealed Cage
Level Switch
A P P L I C A T I O N S
ASME B31.1 construction for use on boilers and in
power plants.
Feedwater heaters
Steam drums
Condensate drip pots
Flash tanks
Deaerators
Hot wells
ASME B31.3 construction for use in refineries and
petrochemical plants.
Gas/oil separators
Receivers
Knockout drums
Flare pots
Crude/salt water separators
Accumulators
Series 3
Liquid Level Switches
ASME B31.1, ASME B31.3
and NACE Construction


Similar Part No. - B35-PS56-KOH

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B35-PS56-JHF MAGNETROL-B35-PS56-JHF Datasheet
472Kb / 36P
   Liquid Level Switches ASME B31.1 Construction
More results

Similar Description - B35-PS56-KOH

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B35-PS56-JHF MAGNETROL-B35-PS56-JHF Datasheet
472Kb / 36P
   Liquid Level Switches ASME B31.1 Construction
B40-HF30-9DM MAGNETROL-B40-HF30-9DM Datasheet
301Kb / 8P
   B40-P & B40-H Liquid Level Switch ASME B31.1 Compliant
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
A10-1E2D-HM7 MAGNETROL-A10-1E2D-HM7 Datasheet
829Kb / 40P
   Liquid Level and Proof-er짰 Switches
logo
TE Connectivity Ltd
VS TEC-VS_V01 Datasheet
210Kb / 6P
   VERTICAL LIQUID LEVEL SWITCHES
logo
Honeywell Accelerometer...
FRN91-25BB HONEYWELL-ACC-FRN91-25BB Datasheet
103Kb / 1P
   INTERPRET PER ASME Y14.5M-1994 OTHER HONEYWELL ENGINEERING STANDARDS MAY APPLY
logo
Sensortechnics GmbH
OLP25X0L3 SENSORTECHNICS-OLP25X0L3 Datasheet
70Kb / 4P
   Polysulphone optical liquid level switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com