Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80CNQ040A Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 80CNQ040A
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80CNQ040A Datasheet(HTML) 7 Page - Vishay Siliconix

  80CNQ040A Datasheet HTML 1Page - Vishay Siliconix 80CNQ040A Datasheet HTML 2Page - Vishay Siliconix 80CNQ040A Datasheet HTML 3Page - Vishay Siliconix 80CNQ040A Datasheet HTML 4Page - Vishay Siliconix 80CNQ040A Datasheet HTML 5Page - Vishay Siliconix 80CNQ040A Datasheet HTML 6Page - Vishay Siliconix 80CNQ040A Datasheet HTML 7Page - Vishay Siliconix 80CNQ040A Datasheet HTML 8Page - Vishay Siliconix 80CNQ040A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
Document Number: 95354
2
For technical questions concerning module products, contact: ind-modules@vishay.com
Revision: 13-Aug-08
Outline Dimensions
Vishay High Power Products
D-61-8, D-61-8-SM,
D-61-8-SL
DIMENSIONS FOR D-61-8-SM in millimeters (inches)
19.93 (0.785)
19.68 (0.775)
8.89 (0.350)
8.73 (0.344)
11.05 (0.435) REF.
0.89 (0.035)
0.73 (0.029)
1.98 (0.078)
1.72 (0.068)
5.20 (0.205)
4.95 (0.195)
10.28 (0.405)
10.03 (0.395)
1.40 (0.055)
1.14 (0.045)
14° MIN.
14° MIN.
5.97 (0.235)
5.71 (0.225)
10.79 (0.425) MAX.
3.30 (0.130)
3.04 (0.120)
1.04 (0.041)
0.84 (0.033)


Similar Part No. - 80CNQ040A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80CNQ040A IRF-80CNQ040A Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
80CNQ040A VISHAY-80CNQ040A Datasheet
133Kb / 7P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
logo
Microsemi Corporation
80CNQ040A MICROSEMI-80CNQ040A Datasheet
121Kb / 2P
   Schottky MiniMod
logo
International Rectifier
80CNQ040APBF IRF-80CNQ040APBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
80CNQ040APBF VISHAY-80CNQ040APBF Datasheet
114Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 13-Aug-08
More results

Similar Description - 80CNQ040A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
81CNQ035APBF VISHAY-81CNQ035APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
88CNQ060A VISHAY-88CNQ060A Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
82CNQ030A VISHAY-82CNQ030A Datasheet
122Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
82CNQ030APBF VISHAY-82CNQ030APBF Datasheet
107Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 13-Aug-08
87CNQ020A VISHAY-87CNQ020A Datasheet
131Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
87CNQ020APBF VISHAY-87CNQ020APBF Datasheet
117Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Sep-08
81CNQ035APBF VISHAY-81CNQ035APBF_10 Datasheet
152Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
VS-83CNQ VISHAY-VS-83CNQ Datasheet
164Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF_10 Datasheet
158Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com