Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3F-PB80-JGF Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # G3F-PB80-JGF
Description  Liquid Level Switches ASME B31.1 Construction
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

G3F-PB80-JGF Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button G3F-PB80-JGF Datasheet HTML 2Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 3Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 4Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 5Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 6Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 7Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 8Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 9Page - Magnetrol International, Inc. G3F-PB80-JGF Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
46-624 Series 3 Liquid Level Switches ASME B31.1 Construction
Controls should be mounted as close to the vessel as possi-
ble. This will result in a more responsive and accurate level
change in the control. Liquid in a long line may be cooler
and more dense than liquid in the vessel causing lower level
indication in the control than actual level in the vessel.
Caution: Operation of all buoyancy type level devices should be
done in such a way as to minimize the action of dynamic
forces on the float or displacer sensing element. Good
practice for reducing the likelihood of damage to the con-
trol is to equalize pressure across the device slowly.
2.5
Wiring
NOTE: A switch or circuit breaker shall be installed in close proximi-
ty to equipment and within easy reach of operator. It shall be
marked as the disconnecting device for the equipment.
NOTE: For supply connections in installations with ambient tempera-
ture up to +158° F (+70° C), use wire with a minimum rating
of +167° F (+75° C) as required by the process conditions.
Installations with ambient temperatures up to +176° F
(+80° C) require wire with a minimum rating of +185° F
(+85° C) as required by the process conditions. Use a mini-
mum of 14 AWG wire for power and ground field wires.
Caution: Level controls are shipped from the factory with the
enclosing tube tightened and the middle set screw, on the
housing base, locked to the enclosing tube. Failure to
loosen the set screw prior to repositioning the conduit con-
nection may cause the enclosing tube to loosen, resulting
in the possible leakage of the process liquid or vapor.
Series 3 controls are shipped with the conduit entry of
the switch housing placed 180° opposite to the tank con-
figurations to simplify installation in most cases. If this
configuration is appropriate to the installation, proceed to
step 4 to begin wiring the unit. If another configuration is
desired, the switch housing can be easily rotated by first
following steps 1, 2, and 3.
1. Loosen set screw(s) at base of switch housing. Refer to
Figure 4
.
2. Switch housing may be rotated 360° to allow correct posi-
tioning of conduit outlet.
3. Tighten set screw(s) at base of switch housing.
4. Unscrew and remove switch housing cover. The threads
have been lubricated to facilitate removal.
NOTE: On high temperature applications (above +250° F [+121° C] in
float chamber), high temperature wire should be used
between control and first junction box located in a cooler
area. On non-hazardous applications, flexible conduit may be
used between the control and the first junction box.
Internal Circuit
(Right) Switch
1
2
3
Load
Load
Close on high level
Common
Close on low level
Line
4
5
6
Internal Circuit
(Left) Switch
Load
Load
Close on high level
Common
Close on low level
Line
Set
Screw
Screw
Screw
Figure 4
NEMA 4X/7/9
Figure 5
Wiring diagram for DPDT
Series A, B, C, D, E & F switches


Similar Part No. - G3F-PB80-JGF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3F-202SN-VD OMRON-G3F-202SN-VD Datasheet
538Kb / 7P
   International Standards for G3F Series, Same Profile as MY Power Relays
G3F-202SN-VD OMRON-G3F-202SN-VD Datasheet
806Kb / 8P
   International Standards for G3F Series, Same Profile as MY Power Relays
G3F-203S-VD OMRON-G3F-203S-VD Datasheet
538Kb / 7P
   International Standards for G3F Series, Same Profile as MY Power Relays
G3F-203S-VD OMRON-G3F-203S-VD Datasheet
806Kb / 8P
   International Standards for G3F Series, Same Profile as MY Power Relays
G3F-203SL-VD OMRON-G3F-203SL-VD Datasheet
538Kb / 7P
   International Standards for G3F Series, Same Profile as MY Power Relays
More results

Similar Description - G3F-PB80-JGF

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B35-PS56-KOH MAGNETROL-B35-PS56-KOH Datasheet
492Kb / 24P
   Liquid Level Switches ASME B31.1, ASME B31.3 and NACE Construction
B40-HF30-9DM MAGNETROL-B40-HF30-9DM Datasheet
301Kb / 8P
   B40-P & B40-H Liquid Level Switch ASME B31.1 Compliant
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
B74-1B20-8KQ MAGNETROL-B74-1B20-8KQ Datasheet
329Kb / 28P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
TE Connectivity Ltd
VS TEC-VS_V01 Datasheet
210Kb / 6P
   VERTICAL LIQUID LEVEL SWITCHES
logo
Sensortechnics GmbH
OLP25X0L3 SENSORTECHNICS-OLP25X0L3 Datasheet
70Kb / 4P
   Polysulphone optical liquid level switches
logo
Magnetrol International...
A15-1E2P-BKQ MAGNETROL-A15-1E2P-BKQ Datasheet
666Kb / 28P
   Displacer Type Liquid Level Switches
T52-1E2A-BKP MAGNETROL-T52-1E2A-BKP Datasheet
267Kb / 8P
   Side Mounting Liquid Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com