Electronic Components Datasheet Search |
|
43CTQ100GP Datasheet(PDF) 1 Page - Vishay Siliconix |
|
43CTQ100GP Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 8 page Document Number: 94222 For technical questions, contact: diodestech@vishay.com www.vishay.com Revision: 23-Mar-10 1 Schottky Rectifier, 2 x 20 A VS-43CTQ...GSPbF, VS-43CTQ...G-1PbF Series Vishay High Power Products FEATURES • 175 °C TJ operation • Center tap configuration • Low forward voltage drop • High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance • High frequency operation • Guard ring for enhanced ruggedness and long term reliability • Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C • Halogen-free according to IEC 61249-2-21 definition • Compliant to RoHS directive 2002/95/EC • AEC-Q101 qualified DESCRIPTION This center tap Schottky rectifier series has been optimized for very low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 °C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. PRODUCT SUMMARY IF(AV) 2 x 20 A VR 80 V/100 V VS-43CTQ...GS D2PAK TO-262 VS-43CTQ...G-1 Base common cathode Anode Anode Common cathode 1 3 2 2 Common cathode Anode Anode Common cathode 1 3 2 2 MAJOR RATINGS AND CHARACTERISTICS SYMBOL CHARACTERISTICS VALUES UNITS IF(AV) Rectangular waveform 40 A VRRM 80/100 V IFSM tp = 5 μs sine 850 A VF 20 Apk, TJ = 125 °C (per leg) 0.67 V TJ Range - 55 to 175 °C VOLTAGE RATINGS PARAMETER SYMBOL VS-43CTQ080GSPbF VS-43CTQ080G-1PbF VS-43CTQ100GSPbF VS-43CTQ100G-1PbF UNITS Maximum DC reverse voltage VR 80 100 V Maximum working peak reverse voltage VRWM ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum average forward current See fig. 5 per leg IF(AV) 50 % duty cycle at TC = 135 °C, rectangular waveform 20 A per device 40 Maximum peak one cycle non-repetitive surge current per leg See fig. 7 IFSM 5 μs sine or 3 μs rect. pulse Following any rated load condition and with rated VRRM applied 850 10 ms sine or 6 ms rect. pulse 275 Non-repetitive avalanche energy per leg EAS TJ = 25 °C, IAS = 0.5 A, L = 60 mH 7.5 mJ Repetitive avalanche current per leg IAR Current decaying linearly to zero in 1 μs Frequency limited by TJ maximum VA = 1.5 x VR typical 0.5 A |
Similar Part No. - 43CTQ100GP |
|
Similar Description - 43CTQ100GP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |