Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40EPS16PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 40EPS16PBF
Description  Input Rectifier Diode, 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40EPS16PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  40EPS16PBF Datasheet HTML 1Page - Vishay Siliconix 40EPS16PBF Datasheet HTML 2Page - Vishay Siliconix 40EPS16PBF Datasheet HTML 3Page - Vishay Siliconix 40EPS16PBF Datasheet HTML 4Page - Vishay Siliconix 40EPS16PBF Datasheet HTML 5Page - Vishay Siliconix 40EPS16PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 94344
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 23-Apr-08
3
40EPS16PbF High Voltage Series
Input Rectifier Diode, 40 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Forward Voltage Drop Chacteristics
Fig. 6 - Maximum Non-Repetitive Surge Current
130
125
120
115
110
105
100
95
135
140
150
145
Average Forward Current (A)
45
3540
30
25
20
15
10
5
0
30°
60°
90°
120°
180°
40EPS16
R
thJC (DC) = 0.6 K/W
Conduction angle
Ø
150
140
130
120
110
100
Average Forward Current (A)
10
20
60
70
304050
0
DC
30°
60°
90°
120°
180°
40EPS16
R
thJC (DC) = 0.6 K/W
Ø
Conduction period
5
0
30
35
50
55
60
45
40
25
20
15
10
Average Forward Current (A)
10
515
20
40
25
30
35
0
RMS limit
180°
120°
90°
60°
30°
40EPS16
T
J = 150 °C
Conduction angle
Ø
50
60
70
80
40
30
20
10
0
Average Forward Current (A)
10
20
60
70
304050
0
DC
180°
120°
90°
60°
30°
RMS limit
40EPS16
T
J = 150 °C
Ø
Conduction period
1
10
100
1000
Instantaneous Forward Voltage (V)
0.5
1.5
2.5
T
J = 25 °C
T
J = 150 °C
40EPS16
500
450
400
350
300
250
200
150
100
Pulse Train Duration (s)
1
0.01
0.1
40EPS16
versus pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
Maximum non-repetitive surge current


Similar Part No. - 40EPS16PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40EPS16PBF IRF-40EPS16PBF Datasheet
141Kb / 5P
   INPUT RECTIFIER DIODE Lead-Free
More results

Similar Description - 40EPS16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40EPS08PBF VISHAY-40EPS08PBF Datasheet
154Kb / 6P
   Input Rectifier Diode, 40 A
Revision: 06-Jun-08
VS-40EPS16PBF VISHAY-VS-40EPS16PBF Datasheet
186Kb / 7P
   High Voltage, Input Rectifier Diode, 40 A
Revision: 12-Feb-16
VS-40EPS-M3 VISHAY-VS-40EPS-M3 Datasheet
127Kb / 5P
   High Voltage, Input Rectifier Diode, 40 A
Revision: 09-Feb-2021
VS-40EPS16-M3 VISHAY-VS-40EPS16-M3_V01 Datasheet
229Kb / 8P
   High Voltage, Input Rectifier Diode, 40 A
01-Jan-2022
VS-40EPS-M3 VISHAY-VS-40EPS-M3_V01 Datasheet
189Kb / 7P
   High Voltage, Input Rectifier Diode, 40 A
01-Jan-2022
10ETS08SPBF VISHAY-10ETS08SPBF Datasheet
168Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 08-Apr-10
80EPS08PBF VISHAY-80EPS08PBF Datasheet
170Kb / 7P
   Input Rectifier Diode, 80 A
Revision: 07-Jul-09
25ETS08SPBF VISHAY-25ETS08SPBF Datasheet
157Kb / 7P
   Input Rectifier Diode, 25 A
Revision: 09-Apr-10
80EPS16PBF VISHAY-80EPS16PBF Datasheet
169Kb / 6P
   Input Rectifier Diode, 80 A
Revision: 20-Apr-11
20ETS08FPPBF VISHAY-20ETS08FPPBF Datasheet
134Kb / 7P
   Input Rectifier Diode, 20 A
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com