Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30PT100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30PT100
Description  High Performance Generation 5.0 Schottky Rectifier, 30 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30PT100 Datasheet(HTML) 1 Page - Vishay Siliconix

  30PT100_11 Datasheet HTML 1Page - Vishay Siliconix 30PT100_11 Datasheet HTML 2Page - Vishay Siliconix 30PT100_11 Datasheet HTML 3Page - Vishay Siliconix 30PT100_11 Datasheet HTML 4Page - Vishay Siliconix 30PT100_11 Datasheet HTML 5Page - Vishay Siliconix 30PT100_11 Datasheet HTML 6Page - Vishay Siliconix 30PT100_11 Datasheet HTML 7Page - Vishay Siliconix 30PT100_11 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-30PT100
www.vishay.com
Vishay Semiconductors
Revision: 10-Aug-11
1
Document Number: 94532
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Generation 5.0 Schottky Rectifier, 30 A
FEATURES
• 175 °C high performance Schottky diode
• Very low forward voltage drop
• Extremely low reverse leakage
• Optimized VF vs. IR trade off for high efficiency
• Increased ruggedness for reverse avalanche
capability
• RBSOA available
• Negligible switching losses
• Submicron trench technology
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
APPLICATIONS
• High efficiency SMPS
• Automotive
• High frequency switching
• Output rectification
• Reverse battery protection
• Freewheeling
• DC/DC systems
• Increased power density systems
PRODUCT SUMMARY
Package
TO-247AC modified
IF(AV)
30 A
VR
100 V
VF at IF
0.64 V
IRM max.
15 mA at 125 °C
TJ max.
175 °C
Diode variation
Single die
EAS
135 mJ
Base
cathode
2
13
Anode
Cathode
TO-247AC modified
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
100
V
VF
30 Apk, TJ = 125 °C (typical)
0.61
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VS-30PT100
UNITS
Maximum DC reverse voltage
VR
TJ = 25 °C
100
V
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TC = 156 °C, rectangular waveform
30
A
Maximum peak one cycle
non-repetitive surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
2200
10 ms sine or 6 ms rect. pulse
450
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 3 A, L = 30 mH
135
mJ
Repetitive avalanche current
IAR
Limited by frequency of operation and time pulse duration so
that TJ < TJ max. IAS at TJ max. as a function of time pulse
See fig. 8
IAS at
TJ max.
A


Similar Part No. - 30PT100_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30PT100 VISHAY-30PT100_08 Datasheet
113Kb / 7P
   High Performance Schottky Generation 5.0, 30 A
Revision: 24-Jul-08
More results

Similar Description - 30PT100_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30PT100 VISHAY-30PT100 Datasheet
104Kb / 7P
   High Performance Schottky Generation 5.0, 30 A
Revision: 22-Oct-07
30PT100 VISHAY-30PT100_08 Datasheet
113Kb / 7P
   High Performance Schottky Generation 5.0, 30 A
Revision: 24-Jul-08
30CTT100 VISHAY-30CTT100_V01 Datasheet
85Kb / 6P
   High Performance Schottky Generation 5.0, 30 A
2014
10UT10 VISHAY-10UT10 Datasheet
152Kb / 8P
   High Performance Generation 5.0 Schottky Rectifier, 10 A
Revision: 10-Aug-11
10UT10 VISHAY-10UT10_12 Datasheet
133Kb / 7P
   High Performance Generation 5.0 Schottky Rectifier, 10 A
Revision: 02-Nov-11
VS-10UT10 VISHAY-VS-10UT10 Datasheet
134Kb / 8P
   High Performance Generation 5.0 Schottky Rectifier, 10 A
Revision: 02-Nov-11
VS-10UT10 VISHAY-VS-10UT10_V01 Datasheet
131Kb / 7P
   High Performance Generation 5.0 Schottky Rectifier, 10 A
02-Oct-12
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
60CPT045 VISHAY-60CPT045_12 Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
63CPT100 VISHAY-63CPT100_08 Datasheet
112Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com